Electronic Components Datasheet Search
  English  ▼

X  

8685 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8685
Description  Multifunction Block Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8685 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8685 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Type 2034
Block
10 | 13
Visit product website 
5.
Performance specifications
5.1. Medium pressure
Specification for control function A
Note:
• For low operating pressures, optional versions with reduced spring force (EC04) are recommended.
• Pressure data [bar]: Overpressure to atmospheric pressure. Valve closes dynamically against max. operating pressure.
• Information for control function B and I on request.
Pneumatic actuator
Nominal diameter
Diaphragm size
Actuator size Ø Pilot pressure Max. operating pressure for seal material
EPDM
PTFE/EPDM and advanced
PTFE/EPDM GYLON®/EPDM
laminated
[mm]
[inch]
DN
[mm]
[bar]
[bar]
[bar]
ELEMENT actuator
8
¼"
8
50 (D)
5.0…10
10
10
15
½"
15
50 (D)
5.0…10
7.5
–
70 (M)
5.0…10
10
10
20
¾"
20
70 (M)
5.0…10
10
10
25
1"
25
70 (M)
5.0…10
6.5
4.5
90 (N)
5.0…10
10
8
32
1¼"
32
90 (N)
5.0…10
8
6
40
1½"
40
90 (N)
5.5…10
5.5
51.)
130 (P)
5.0…7
10
10
50
2"
50
130 (P)
5.0…7
8
7
65
2½"
65
130 (P)
5.0…7
5.5
3.5
CLASSIC actuator
8
¼"
8
40 (C)
5.0…7
10
10
15
½"
15
50 (D)
5.0…7
8.5
5
63 (E)
5.0…7
10
10
20
¾"
20
63 (E)
5.5…7
10
5
80 (F)
5.0…7
10
10
25
1"
25
80 (F)
5.5…7
10
7.5
40
1¼"
40
100 (G)
5.5…7
6.5
62.)
125 (H)
5.5…7
10
10
50
2"
50
125 (H)
5.5…7
8
7
65
2½"
65
175 (K)
5.0…6
8
5
80
3"
80
175 (K)
5.0…6
5
4.5
225 (L)
5.0…6
10
73.)
100
4"
100
225 (L)
5.0…6
8
4
Stainless steel/INOX actuator
8
¼"
8
32 (B)
5.5…10.5
10
6
15
½"
15
50 (D)
5.0…10.5
8.5
5
70 (M)
5.0…10.5
10
10
20
¾"
20
70 (M)
5.0…10.5
10
10
25
1"
25
70 (M)
5.0…10.5
6.5
4.5
90 (N)
5.0…10.5
10
8
32
1¼"
32
90 (N)
5.0…10.5
8
6
40
1½"
40
90 (N)
5.5…10.5
5.5
51.)
130 (P)
5.0…7.5
10
10
50
2"
50
130 (P)
5.0…7.5
8
7
1.) Version with GYLON®/EPDM not possible
2.) Max. operating pressure for GYLON®/EPDM laminated is 4 bar
3.) Max. operating pressure for GYLON®/EPDM laminated is 8.5 bar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com