Electronic Components Datasheet Search
  English  ▼

X  

8685 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 8685
Description  Multifunction Block Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8685 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 8685 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8685 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Type 2034
Block
11 | 13
Visit product website 
Robolux actuator
Actuator size Ø
Actuator version
Pilot pres-
sure
Max. operating pressure for seal material
EPDM
Advanced PTFE laminated
Gylon® laminated
[mm]
[bar]
[bar]
[bar]
[bar]
RV50
D11
6…10
7.5
7.5
5.5
D55 (reduced spring force) 4…10
5.0
3.5
On request
RV70
D11, D1x, Dx1
6…10
8.0
8.0
5.5
D55 (reduced spring force) 4…10
5.5
6.0
4.5
RV110
D11, D1x, Dx1
6…7
7.0
7.5
6.0
D55 (reduced spring force 4…7
5.0
5.0
4.0
Manual actuator
Diaphragm size
Actuator material
Max. operating pressure for seal material
EPDM, PTFE/EPDM, advanced PTFE/EPDM,
GYLON®/EPDM laminated
DN
Max. [bar]
8…80
VA/VA
10
100
VA/VA
6
8…50
VA/PPS
10
8…40
PPS/PPS
10
50
PPS/PPS
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com