Electronic Components Datasheet Search
  English  ▼

X  

2935 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 2935
Description  Tank bottom diaphragm valve with manually operated actuator (basic)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2935 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 2935 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Type 2935
10 | 12
Visit product website 
4.2. Tank bottom body with welded connection
Note:
Dimensions in mm
B
L
Diaphragm size Port connection DN Ø B
C1
D
Ø D1
s
L
Product key 1.)
DIN EN ISO 1127 / ISO 4200 / DIN 11866 series B
8
8
50
8
35°
13.5
1.6
5
SA40
15
15
65
12
35°
21.3
1.6
4
SA42
85
8
SA42
20
20
85
12
35°
26.9
1.6
5.6
SA43
25
25
120
16
35°
33.7
2
8
SA44
40
32
150
18
35°
42.4 (Port 32) 2
20
SA45
40
48.3
15
SA46
50
50
180
22
35°
60.3
2
12
SA47
DIN 11850 - 2 / DIN 11866 series A / DIN EN 10357 series A
8
10
50
8
35°
13
1.5
5
SD40
15
15
85
12
35°
19
1.5
8
SD42
20
20
85
12
35°
23
1.5
7
SD43
25
25
120
16
35°
29
1.5
8
SD44
40
40
150
18
35°
41
1.5
20
SD46
50
50
180
22
35°
53
1.5
15
SD47
ASME BPE / DIN 11866 series C
8
¼"
50
8
35°
6.35
0.89
6
SA90
15
½"
85
12
35°
12.7
1.65
10
SA92
20
¾"
85
12
35°
19.05
1.65
8
SA93
25
1"
120
16
35°
25.4
1.65
12
SODF
40
1½"
150
18
35°
38.1
1.65
15
SODH
50
1½"
180
22
35°
38.1
1.65
25
SODH
2"
50.8
15
SODI
2½"
63.5
11
SODJ
SMS 3008
25
25
120
16
35°
25
1.2
8
SA60
40
40
150
18
35°
38
1.2
20
SA62
50
50
180
22
35°
51
1.2
15
SA63
1.) This information is part of the product key (see “6.3. Bürkert Product Enquiry Form” on page 12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com