Electronic Components Datasheet Search
  English  ▼

X  

2935 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 2935
Description  Tank bottom diaphragm valve with manually operated actuator (basic)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2935 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 2935 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2935 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Type 2935
12 | 12
Visit product website 
5.
Performance specifications
5.1. Medium pressure
Diaphragm size
Actuator material
(diaphragm bonnet/handwheel)
Operating pressure max. for seal material
EPDM, PTFE/EPDM, advanced PTFE/EPDM,
laminate of GYLON® and EPDM (ER)
DN
Max. [bar]
8…50
Stainless steel/PPS
10
15…40
PPS/PPS
10
50
PPS/PPS
7
6.
Ordering information
6.1. Bürkert eShop
Bürkert eShop – Easy ordering and quick delivery
You want to find your desired Bürkert product or spare part quickly and order directly? Our
online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
6.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and easily.
Try out our product filter
6.3. Bürkert Product Enquiry Form
Note:
Please see our Product Enquiry Form for a full explanation of our specification key.
Bürkert Product Enquiry Form – Your enquiry quickly and compactly
Would you like to make a specific product enquiry based on your technical requirements?
Use our Product Enquiry Form for this purpose. There you will find all the relevant informa-
tion for your Bürkert contact. This will enable us to provide you with the best possible
advice.
Fill out the form now



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com