Electronic Components Datasheet Search
  English  ▼

X  

2933 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 2933
Description  Tank bottom diaphragm valve with manually operated actuator (basic)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2933 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  2933 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Type 2935
3 | 12
Visit product website 
1.
General technical data
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 7.
Material 1.)
Block body (VH) 1.)
Bloc material 1.4435 accordding to DIN EN 10088 and 316L according to ASTM A479/A479M
Block body (VI) 1.)
Bloc material 1.4435 according to BN2 and 316L according to ASME BPE table DT-3
Diaphragm
EPDM (AD) 1.), PTFE/EPDM (EA) 1.), Advanced PTFE/EPDM (EU) 1.), laminate of GYLON® and
EPDM (ER) 1.)
Actuator
(diaphragm bonnet/handwheel)
Stainless steel/PPS, PPS/PPS
Diaphragm size
8…50, for actuator PPS/PPS 15…50 (65…100 see Type 3235 )
Standard surface quality 2.)
Block body (VH/VI) 1.)
Internally electrically polished: Ra ≤ 0.38 μm (NO17) 1.) (ASME BPE SF4/DIN HE4)
(externally: Ra ≤ 1.6 µm)
Internally mechanically polished: Ra ≤ 0.5 μm (NO14) 1.) (ASME BPE SF1)
(externally: Ra ≤ 1.6 µm)
Medium data
Operating medium
Neutral gases and fluids, highly purified, sterile, aggressive or abrasive media
(see resistance chart )
Medium temperature
EPDM (AD) 1.)
- 10…+ 143 °C (steam sterilisation + 150 °C for 60 min)
PTFE/EPDM (EA) 1.)
- 10…+ 130 °C (steam sterilisation + 140 °C for 60 min)
Advanced PTFE/EPDM (EU) 1.)
- 5…+ 143 °C (steam sterilisation + 150 °C for 60 min)
Laminate of GYLON® and EPDM (ER) 1.)
- 5…+ 130 °C (steam sterilisation + 140 °C for 60 min)
Process/Port connection & communication
Nominal diameter (port connection)
DN 06…DN 65 (⅛"…2½")
Port connection 2.) for stainless steel body 2.)
Welded connection 2.)
DIN EN ISO 1127 / ISO 4200 / DIN 11866 series B
DIN 11850 - 2 / DIN 11866 series A / DIN EN 10357 series A
ASME BPE / DIN 11866 series C
Clamp connection 2.)
DIN 32676 series A (DIN pipe)
DIN 32676 series B (ISO pipe)
ASME BPE
Environment and installation
Installation position
See operating manual Type 2935 
Ambient temperature: actuator (diaphragm bonnet/handwheel)
Stainless steel/PPS, PPS/PPS
- 10…+ 130 °C (short-term up to + 150 °C), autoclavable
1.) This information is part of the product key (see “6.3. Bürkert Product Enquiry Form” on page 12).
2.) Further versions are available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com