Electronic Components Datasheet Search
  English  ▼

X  

2933 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2933
Description  Tank bottom diaphragm valve with manually operated actuator (basic)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2933 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2933 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2933 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Visit product website 
DATA SHEET
Type 2975
Tank bottom diaphragm
valve with manually
operated actuator
(FullFunction)
Type 2933
2/2-way diaphragm valve
with manually operated
actuator (basic)
Type 2934
T-diaphragm valve with
manually operated
actuator (basic)
Type 2030
Pneumatically operated
2/2-way diaphragm valve
CLASSIC with plastic
valve body
Type 2103
2/2-way diaphragm valve
with pneumatic stainless
steel actuator (Type ELE-
MENT) for decentralised
automation
Type 2063
2/2-way diaphragm valve
with pneumatic actuator
in stainless steel
(Type INOX)
Type SV02
Diaphragms
Standard | EU | en | 2024 - 02 - 19 | 03
Tank bottom diaphragm valve with manually operated
actuator (basic)
• Valve body and diaphragm are available in different materials
and versions
• Product wetted surfaces in Ra ≤ 0.38 µm…1.6 µm
(optionally electropolished)
• Available in all common connection sizes and variants
The Type 2935 manually operated diaphragm valve consists of a manually oper-
ated actuator, a diaphragm and a tank bottom valve body. The manual actuator
with plastic handwheel is available with a diaphragm bonnet made of stainless
steel or plastic and ensures use in hygienic or aggressive ambient conditions. The
flow-optimised valve body with minimum dead space enables high flow values
and a wide range of possible applications. The valve body and the diaphragms
are available in all common materials and versions. The actuator has a compact,
autoclavable design and is compatible with all other Bürkert diaphragm valves. An
explosion-proof ATEX/IECEx device variant is available. The manual actuator is
equipped with an integrated visual position indicator, a reproducible stroke scale
and an adjustable closing limiter. The manual actuator can optionally be equipped
with sensors for position feedback.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 2935
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2933

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2933 KR-2933 Datasheet
61Kb / 3P
30 MHz End of Passband < 3 dB
logo
Christian Bürkert GmbH ...
2933 BURKERT-2933 Datasheet
918Kb / 20P
2/2-way diaphragm valve with manually operated actuator (basic)
05.03.2024
2933 BURKERT-2933 Datasheet
763Kb / 14P
T-diaphragm valve with manually operated actuator (basic)
05.03.2024
2933 BURKERT-2933 Datasheet
953Kb / 20P
2/2-way diaphragm valve with manually operated actuator (FullFunction)
23.01.2024
logo
KR Electronics, Inc.
2933-SMA KR-2933-SMA Datasheet
75Kb / 3P
30 MHz End of Passband < 3 dB
More results

Similar Description - 2933

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
NPAK-0001 RALSTON-NPAK-0001 Datasheet
206Kb / 1P
NPAK Tank valve block, aluminum
NPAK-0050 RALSTON-NPAK-0050 Datasheet
206Kb / 1P
NPAK tube connecting tank fill valve to "tank pressure" gauge
logo
Festo Corporation.
546745 FESTO-546745 Datasheet
100Kb / 2P
Basic valve
546747 FESTO-546747 Datasheet
100Kb / 2P
Basic valve
546735 FESTO-546735 Datasheet
100Kb / 2P
Basic valve
546741 FESTO-546741 Datasheet
100Kb / 2P
Basic valve
546744 FESTO-546744 Datasheet
98Kb / 2P
Basic valve
546746 FESTO-546746 Datasheet
98Kb / 2P
Basic valve
546748 FESTO-546748 Datasheet
99Kb / 2P
Basic valve
546740 FESTO-546740 Datasheet
99Kb / 2P
Basic valve
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com