Electronic Components Datasheet Search
  English  ▼

X  

2974 Datasheet(PDF) 16 Page - Christian Bürkert GmbH & Co. KG

Part # 2974
Description  2/2-way diaphragm valve with manually operated actuator (FullFunction)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2974 Datasheet(HTML) 16 Page - Christian Bürkert GmbH & Co. KG

Back Button 2974 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Type 2973
16 | 20
Visit product website 
4.8. Cast valve body (VG) with welded connection
Note:
• Dimensions in mm
• For further information on the discharge angle, please refer to the “Supplementary instructions Type 2xxx 3xxx” on our website
(see operating instructions Type 2973 ).
L
Diaphragm size
Port connection DN
Ø D1
s
L
h
H
Product key 1.)
DIN EN ISO 1127/ISO 4200/DIN 11866 series B
15
15
21.3
1.6
110
13.5
25.0
SA42
20
15
21.3
1.6
119
18.0
32.9
SA42
20
20
26.9
1.6
119
18.0
32.7
SA43
25
25
33.7
2.0
129
20.0
39.0
SA44
40
32
42.4
2.0
161
28.6
55.0
SA45
40
40
48.3
2.0
161
28.6
55.0
SA46
50
50
60.3
2.0
192
35.5
68.0
SA47
DIN 11850 series 2/DIN 11866 series A/DIN EN 10357 series A
15
15
19
1.5
110
13.5
25.0
SD42
20
20
23
1.5
119
18.0
32.8
SD43
25
25
29
1.5
129
20.0
39.0
SD44
40
40
41
1.5
161
28.6
55.0
SD46
50
50
53
1.5
192
35.5
68.0
SD47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com