Electronic Components Datasheet Search
  English  ▼

X  

2974 Datasheet(PDF) 17 Page - Christian Bürkert GmbH & Co. KG

Part # 2974
Description  2/2-way diaphragm valve with manually operated actuator (FullFunction)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2974 Datasheet(HTML) 17 Page - Christian Bürkert GmbH & Co. KG

Back Button 2974 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 2974 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Type 2973
17 | 20
Visit product website 
Diaphragm size
Port connection DN
Ø D1
s
L
h
H
Product key 1.)
ASME BPE/DIN 11866 series C
15
¾"
19.05
1.65
102
13.5
25.0
SA93
20
¾"
19.05
1.65
119
18.0
32.8
SA93
20
1"
25.4
1.65
119
18.0
32.7
SODF
25
1"
25.4
1.65
114
20.0
39.0
SODF
40
1½"
38.1
1.65
140
28.6
55.0
SODH
50
2"
50.8
1.65
159
35.5
68.0
SODI
50
2½"
63.5
1.65
192
35.5
68.0
SODJ
BS 4825
15
20
19.05
1.20
102
14.0
25.5
SODE
20
25
25.4
1.65
119
18.0
32.8
SODF
25
25
25.4
1.65
114
20.0
39.0
SODF
40
40
38.1
1.65
140
28.6
55.0
SODH
50
50
50.8
1.65
159
35.5
68.0
SODI
50
65
63.5
1.65
192
35.5
68.0
SODJ
SMS 3008
20
25
25
1.2
119
18.0
32.8
SA60
25
25
25
1.2
129
20.0
39.0
SA60
40
40
38
1.2
161
28.6
55.0
SA62
50
50
51
1.2
192
35.5
68.0
SA63
DIN 11850 series 0
15
15
18
1.5
110
13.5
25.0
SC43
20
20
22
1.5
119
18.0
32.8
SC44
25
25
28
1.5
129
20.0
39.0
SC45
25
32
34
1.5
129
20.0
39.0
SC46
40
40
40
1.5
161
28.6
56.0
SC47
50
50
52
1.5
192
35.5
68.0
SC48
1.) This information is part of the product key (see “6.3. Bürkert Product Enquiry Form” on page 20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com