Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Manually operated 2-way angle seat control valve
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Type 2960
3 | 15
Visit product website 
1.
General technical data
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 7.
Material
Further information can be found in chapter “3. Materials” on page 6.
Design
Angle seat control valve
Nominal diameter
DN 10…DN 65, NPS ⅜…NPS 2½
Flow direction
Flow to open (below seat)
Performance data
Operating pressure
0 bar(g)…25 bar(g), see “5.1. Fluidic data” on page 11
Nominal pressure
PN 25 (DIN EN 1333), Class 150 (DIN EN 1759)
Seat leakage
According to DIN EN 60534 - 4:2006, see “5.1. Fluidic data” on page 11
Leakage class III
Stainless steel
Leakage class VI
PTFE and PEEK
K
V value
5 m³/h…90 m³/h, see “5.1. Fluidic data” on page 11
Operating characteristic
Modified equal percentage
Medium data
Process medium
Steam, neutral gases, water, alcohol, oils, fuels, hydraulic fluids, salt solutions, alkalis, organic
solvents
Medium temperature
- 40 °C…230 °C, see “5.2. Operating limits” on page 12
Viscosity
Max. 600 mm²/s
Process/Port connection & communication
Port connection
Threaded connection
G (DIN ISO 228 - 1)
NPT (ASME B1.20.1)
RC (ISO 7 - 1)
Welded connection
DIN EN ISO 1127 / ISO 4200 / DIN 11866 series B
DIN 11850 - 2 / DIN 11866 series A
ASME BPE / DIN 11866 series C
SMS 3008
Clamp connection
DIN 32676 series B (pipe: ISO 4200)
DIN 32676 series A (pipe: DIN 11850 - 2)
ASME BPE
Approvals and conformities
Further information can be found in chapter “2. Approvals and conformities” on page 4.
Environment and installation
Ambient temperature
- 10 °C…+ 60 °C
Installation position
As required, preferably with actuator in upright position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com