Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Manually operated 2-way angle seat control valve
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Type 2960
11 | 15
Visit product website 
5.
Performance specifications
5.1. Fluidic data
Flow characteristics
Note:
• Modified equal percentage flow characteristic.
• Higher flow values compared to globe control valves
K
v /Kvs [%]
0 10 20 30 40 50 60 70 80 90 100
Stroke[%]
Flow rate of standard control valve
100
90
80
60
50
40
30
20
10
0
70
Overview of fluidic data for flow below seat (for liquids, steam and gases)
Note:
• K
V value [m
3
/h]: measurement with water according to DIN EN 60534 - 2 - 4
• Seat leakage according to DIN EN 60534 - 4
• See “7.2. Bürkert product filter” on page 15
Nominal
diameter
(pipe)
Hand-
wheel
diameter
Ø
Operating pressure max.
leakage class)
K
V value at stroke [m
3
/h]
K
VS
value
Valve seat seal
Stain-
less
steel
PTFE
PEEK
DN
NPS
[mm]
[bar(g)]
[bar(g)]
[bar(g)] 5 %
10 % 20 % 30 % 40 % 50 % 60 % 70 % 80 % 90 % [m3/h]
ASME BPE (12.7 mm x 1.65 mm / 0.5" x 0.065")
15
½
45 (S)
25 (III)
25 (VI)
25 (VI)
0.22
0.24
0.30
0.56
1.2
1.5
1.6
1.6
1.6
1.6
1.6
All standards
15
½
45 (S)
25 (III)
25 (VI)
25 (VI)
0.16
0.17
0.22
0.40
1.2
2.7
3.5
4.0
4.5
4.8
5.0
20
¾
45 (S)
25 (III)
25 (VI)
25 (VI)
0.26
0.27
0.40
1.1
4.0
5.9
7.2
8.3
9.1
9.6
10.0
25
1
45 (S)
25 (III)
25 (VI)
25 (VI)
0.34
0.36
0.62
1.5
5.2
8.9
11.5
13.0
14.2
15.4
16.0
32
1 ¼
110 (M)
25 (III)
25 (VI)
25 (VI)
0.43
0.52
0.82
1.4
4.0
9.3
13.8
16.4
19.2
21.5
23.0
40
1 ½
110 (M)
25 (III)
25 (VI)
25 (VI)
0.48
0.66
1.4
5.1
14.0
20.0
24.5
28.5
31.5
34.5
36.0
50
2
110 (M)
25 (III)
25 (VI)
20 (VI)
0.87
1.2
1.8
4.0
15.2
26.0
35.0
40.5
45.0
48.0
53
65
2 ½
160 (L)
24 (15) 1.)
(III)
24 (15) 1.)
(VI)
14 (VI) 1.) 1.7
2.0
6.5
20.0
35.0
48.0
58
67
75
83
90
1.) According to pressure equipment directive 97/23/EC for compressible fluids of group 1 (dangerous gases and vapours) according to article 3, number 1.3, letter a, first indent)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com