Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  T-diaphragm valve with manually operated actuator (FullFunction)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  2103 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Type 2974
3 | 14
Visit product website 
1.
General technical data
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 7.
Material 1.)
Block body (VH) 1.)
Stainless steel 1.4435/316L
Block body (VI) 1.)
Stainless steel 1.4435/BN2/ASME BPE, Fe < 0.5 %/C ≤ 0.03 %
Diaphragm
EPDM (AD) 1.), PTFE/EPDM (EA) 1.), advanced PTFE/EPDM (EU) 1.),
GYLON®/laminated EPDM (ER) 1.)
Actuator
(diaphragm bonnet/handwheel)
Stainless steel/PPS
Diaphragm size
15…50 (65…100 see Type 3234 )
Standard surface quality 2.)
Block body (VH/VI) 1.)
Interior electrically polished: Ra ≤ 0.38 μm (NO17) 1.) (ASME BPE SF4/DIN HE4)
(external: Ra ≤ 1.6 µm)
Interior mechanically polished: Ra ≤ 0.5 μm (NO14) 1.) (ASME BPE SF1)
(external: Ra ≤ 1.6 µm)
Medium data
Operating medium
Neutral gases and fluids, highly purified, sterile, aggressive or abrasive media
(see resistance chart )
Medium temperature
EPDM (AD) 1.)
- 10…+ 143 °C (steam sterilisation + 150 °C for 60 min)
PTFE/EPDM (EA) 1.)
- 10…+ 130 °C (steam sterilisation + 140 °C for 60 min)
Advanced PTFE/EPDM (EU) 1.)
- 5…+ 143 °C (steam sterilisation + 150 °C for 60 min)
GYLON®/laminated EPDM (ER) 1.)
- 5…+ 130 °C (steam sterilisation + 140 °C for 60 min)
Process/Port connection & communication
Nominal diameter
DN 08…DN 100 (¼"…4")
Port connectio for stainless steel valve body 2.)
Welded connection 2.)
DIN EN ISO 1127/ISO 4200/DIN 11866 series B
DIN 11850 series 2/DIN 11866 series A/DIN EN 10357 series A
ASME BPE/DIN 11866 series C
Clamp connection 2.)
DIN 32676 series A (DIN pipe)
DIN 32676 series B (ISO pipe)
ASME BPE
Environment and installation
Installation position
See operating instructions Type 2974 
Ambient temperature: actuator (diaphragm bonnet/handwheel)
Stainless steel/PPS
- 10…+ 130 °C (short-term up to + 150 °C), autoclavable
1.) This information is part of the product key (see “6.3. Bürkert Product Enquiry Form” on page 14).
2.) Further versions are available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com