Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  T-diaphragm valve with manually operated actuator (FullFunction)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2103 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Visit product website 
DATA SHEET
Type 2934
T-diaphragm valve with
manually operated
actuator (basic)
Type 2973
2/2-way diaphragm valve
with manually operated
actuator (FullFunction)
Type 2975
Tank bottom diaphragm
valve with manually
operated actuator
(FullFunction)
Type 2031
2/2-way diaphragm valve
with pneumatic plastic
actuator (Type CLASSIC)
Type 2103
2/2-way diaphragm valve
with pneumatic stainless
steel actuator (Type ELE-
MENT) for decentralised
automation
Type 2063
2/2-way diaphragm valve
with pneumatic actuator
in stainless steel
(Type INOX)
Standard | EU | en | 2024 - 01 - 23 | 00
T-diaphragm valve with manually operated actuator
(FullFunction)
• Valve body and diaphragm are available in different materials
and versions
• Wetted surfaces from Ra ≤ 0.38 µm...≤ 1.6 µm
(optionally electropolished)
• Available in all common connection sizes and variants
• Integrated locking
• Minimum and maximum stroke limitation
The Type 2974 manually operated diaphragm valve consists of a manually oper-
ated actuator, a diaphragm and a T-valve body. The manual actuator with plastic
handwheel ensures use in hygienic or aggressive ambient conditions. The flow-
optimised valve body with minimum dead space enables high flow values and
a wide range of possible applications. The valve body and the diaphragms are
available in all common materials and versions. The actuator has a compact,
autoclavable design and is compatible with all other Bürkert diaphragm valves. An
explosion-proof ATEX/IECEx device variant is available. The manual actuator
possesses a visual position indicator with reproducible stroke scale. The actuator
also possesses an adjustable minimum and maximum stroke limitation and/or
locking. The manual actuator can be optionally equipped with sensors for position
feedback.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 2974
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2103

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2103 POMONA-2103 Datasheet
22Kb / 1P
Phenolic Box With Cover
logo
XFMRS Inc.
2103 XFMRS-2103 Datasheet
440Kb / 6P
HIGH SPEED COMBO MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
logo
Festo Corporation.
2103 FESTO-2103 Datasheet
76Kb / 1P
One-way flow control valve
logo
New Japan Radio
2103 NJRC-2103 Datasheet
291Kb / 9P
SYSTEM RESET IC
logo
Heyco.
2103 HEYCO-2103 Datasheet
133Kb / 1P
Snap Bushings
More results

Similar Description - 2103

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VZPR-BPD-22-R1 FESTO-VZPR-BPD-22-R1 Datasheet
91Kb / 1P
Ball valve actuator unit
VZPR-BPD-22-R12 FESTO-VZPR-BPD-22-R12 Datasheet
91Kb / 1P
Ball valve actuator unit
VZPR-BPD-22-R14 FESTO-VZPR-BPD-22-R14 Datasheet
92Kb / 1P
Ball valve actuator unit
VZPR-BPD-22-R34 FESTO-VZPR-BPD-22-R34 Datasheet
92Kb / 1P
Ball valve actuator unit
1758073 FESTO-1758073 Datasheet
107Kb / 2P
Ball valve actuator unit
1758078 FESTO-1758078 Datasheet
105Kb / 2P
Ball valve actuator unit
1774106 FESTO-1774106 Datasheet
110Kb / 2P
Ball valve actuator unit
1774107 FESTO-1774107 Datasheet
110Kb / 2P
Ball valve actuator unit
logo
CUI Devices
CPT-2064-L100 CUID-CPT-2064-L100 Datasheet
353Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2065-L100 CUID-CPT-2065-L100 Datasheet
311Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com