Electronic Components Datasheet Search
  English  ▼

X  

8036 Datasheet(PDF) 26 Page - Christian Bürkert GmbH & Co. KG

Part # 8036
Description  2/2-way diaphragm valve with manually operated actuator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8036 Datasheet(HTML) 26 Page - Christian Bürkert GmbH & Co. KG

Back Button 8036 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Product Enquiry Form
Diaphragm valve with straight
way valve, T-valve or tank bottom
valve
3 | 5
Visit this product area on the website
© Christian Bürkert GmbH & Co. KG, subject to change
Specification key - Examples
2 way diaphragm valve
Type 2030 
CLASSIC with plastic
body
Type 2031 
CLASSIC with stainless
steel body
Type 2063 
INOX with stainless
steel body
Type 2103 
ELEMENT with stain-
less steel or plastic
body
Type 3232 
Manually operated with
plastic body
Type 3233 
Manually operated with
stainless steel body
T-diaphragm valve
Type 2032 
CLASSIC T-valve
Type 2064 
INOX T-valve
Type 2104 
ELEMENT T-valve
Type 3234 
Manually operated T-valve
Tank bottom diaphragm valve
Type 2033 
CLASSIC
Tank bottom valve
Type 2065 
INOX
Tank bottom valve
Type 2105 
ELEMENT
Tank bottom valve
Type 3235 
Manually operated tank bottom
valve
Key Feature
TYP
SF
DN
DWST WKST LTA1
LTA2
ANTA ANTG STLA ANTR
*
VAR1 VAR2 VAR3
Key No. 
1
2
3
4
5
6
6
7
8
9
10
V1
V2
V3
2 way diaphragm valve
Type 2030 CLASSIC
2030
A
20.0
AD
PV
KM26
–
C
E
–
–
Type 2031 CLASSIC
2031
A
20.0
AD
VS
SA93
–
C
E
–
–
NK52 NO14
Type 2063 INOX
2063
A
20.0
AD
VS
SA93
–
H
M
–
–
NK52 NO14
Type 2103 ELEMENT
2103
A
20.0
AD
PV
KM26
–
G
M
FA01
–
Type 2103 ELEMENT
2103
A
20.0
AD
VS
SA93
–
G
M
FA01
–
NK52 NO14
Type 3232
3232
–
20.0
AD
PV
KM26
–
–
–
–
D050
Type 3233
3233
–
20.0
AD
VS
SA93
–
–
–
–
D051
NK52 NO14
T-diaphragm valve
Type 2032 CLASSIC
2032
A
20.0
AD
VH
SODH SA93
D
E
–
–
NK52 NO14
Type 2064 INOX
2064
A
20.0
AD
VH
SODH SA93
–
M
–
–
NK52 NO14
Type 2104 ELEMENT
2104
A
20.0
AD
VH
SODH SA93
–
M
FA01
–
NK52 NO14
Type 3234
3234
–
20.0
AD
VH
SODH SA93
–
–
–
D050
NK52 NO14
Tank bottom diaphragm valve
Type 2033 CLASSIC
2033
A
20.0
AD
VH
SA93
–
D
F
–
–
NK52 NO14
Type 2065 INOX
2065
A
20.0
AD
VH
SA93
–
–
M
–
–
NK52 NO14
Type 2105 ELEMENT
2105
A
20.0
AD
VH
SA93
–
–
M
FA01
–
NK52 NO14
Type 3235
3235
–
20.0
AD
VH
SA93
–
–
–
–
D050
NK52 NO14
1.) NK52, NOxx only for stainless steel bodies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com