Electronic Components Datasheet Search
  English  ▼

X  

8036 Datasheet(PDF) 27 Page - Christian Bürkert GmbH & Co. KG

Part # 8036
Description  2/2-way diaphragm valve with manually operated actuator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8036 Datasheet(HTML) 27 Page - Christian Bürkert GmbH & Co. KG

Back Button 8036 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Product Enquiry Form
Diaphragm valve with straight
way valve, T-valve or tank bottom
valve
4 | 5
Visit this product area on the website
© Christian Bürkert GmbH & Co. KG, subject to change
Key Legend
Note:
• Other versions on request
• Available Type sizes see corresponding data sheet
Key no. 2: Control function (SF)
A
Closed with spring force
B
Open with spring force
I
Without pressure spring
Key no. 3: Nominal diameter diaphragm (DN)
8
25
50
100
15
32
65
20
40
80
Key no. 4: Diaphragm material (DWST)
AD
EPDM
EA
PTFE/EPDM
EU
Advanced PTFE/EPDM laminated
ER
Gylon®/EPDM laminated
Key no. 5: Body material (WKST)
PD
PVDF (Polyvinylidene fluoride)
PP
PP (Polypropylene)
PV
PVC-U (Polyvinyl chloride)
VG
Stainless steel precision casting 1.4435/316L
VH
Stainless steel block material 1.4435/316L
VI
Stainless steel block material 1.4435 BN2/316L ASME BPE
VP
Stainless steel tube 1.4435 BN2/316L
VS
Stainless steel-forged 1.4435 BN2/316L ASME BPE
Key no. 6: Port connection (LTA1, LTA2)
Listed in detail below
Key no. 7: Actuator version (ANTA)
C
PA actuator (only CLASSIC)
D
PPS actuator (only CLASSIC)
G
ELEMENT design actuator (only ELEMENT)
H
St. St. actuator (only INOX)
Key no. 8: Actuator size (ANTG)
B
ø 32
C
ø 40
D
ø 50
E
ø 63
F
ø 80
G
ø 100
H
ø 125
K
ø 175
L
ø 225
M
ø 70
N
ø 90
P
ø 130
Key no. 9: Pilot air port (ELEMENT) (STLA)
FA01
Pilot air port Push-In 6/4, ¼"
FA02
Pilot air port G⅛
FA03
Interface ELEMENT control
Key no. 10: Actuator (ANTR)
D050
Handwheel and attachment PPS
D0511.) Handwheel PPS and attachment St. St.
D0522.) Handwheel and attachment St. St.
1.) Alternatively D058
2.) Alternatively D059 or D102
Key no. V1, V2, …: Variable code (VAR1, VAR2, VAR3)
NK523.) Acceptance test certificate 3.1 according to EN 10204
NO143.) Mechanically polished Ra ≤ 0.5 μm (ASME BPE SF1)
NO173.) Electropolished Ra ≤ 0.38 μm (ASME BPE SF4 / DIN HE4)
NO063.) Mechanically polished Ra ≤ 0.76 μm (ASME BPE SF3 / DIN H2)
NO163.) Electropolished Ra ≤ 0.6 μm (ASME BPE SF6)
EC04
Reduced spring force
3.) NK52, NOxx only for stainless steel bodies
Key no. 6: Port connection (LTA)
Weld connection
DN
[mm]
EN ISO 1127 /
ISO 4200
DIN 11866 R. B
SMS 3008
DIN 11850
R. 0
DIN 11850
R. 1
DIN 11850 R. 2
DIN 11866 R. A
DIN 11850
R. 3
BS4825
ASME BPE
DIN 11866 R. C
4
–
–
SC40-6.0×1.0
–
–
–
–
–
6
SA78-10.2×1.6
–
SC41-8.0×1.0
–
–
–
–
SA89-3.17×0.56
8
SA40-13.5×1.6
–
SC42-10.0×1.0 –
–
–
SODB-6.35×1.2
SA90-6.35×0.89
10
SA41-17.2×1.6
–
–
SF40-12.0×1.0 SD40-13.0×1.5
SE40-14.0×2.0 SODC-9.53×1.2
SA91-9.53×0.89
15
SA42-21.3×1.6
SA58-12.0×1.0
SC43-18.0×1.5 SF41-18.0×1.0 SD42-19.0×1.5
SE42-20.0×2.0 SODD-12.7×1.2
SA92-12.7×1.65
20
SA43-26.9×1.6
SA59-18.0×1.0
SC44-22.0×1.5 SF42-22.0×1.0 SD43-23.0×1.5
SE43-24.0×2.0 SODE-19.05×1.2 SA93-19.05×1.65
25
SA44-33.7×2.0
SA60-25.0×1.2
SC45-28.0×1.5 SF43-28.0×1.0 SD44-29.0×1.5
SE44-30.0×2.0 –
SODF-25.4×1.65
32
SA45-42.4×2.0
SA61-33.7×1.2
SC46-34.0×1.5 SF44-34.0×1.0 SD45-35.0×1.5
SE45-36.0×2.0 –
–
40
SA46-48.3×2.0
SA62-38.0×1.2
SC47-40.0×1.5 SF45-40.0×1.0 SD46-41.0×1.5
SE46-42.0×2.0 –
SODH-38.1×1.65
50
SA47-60.3×2.0
SA63-51.0×1.2
SC48-52.0×1.5 SF46-52.0×1.0 SD47-53.0×1.5
SE47-54.0×2.0 –
SODI-50.8×1.65
65
SA48-76.1×2.0
SA64-63.5×1.6
–
–
SD48-70.0×2.0
–
–
SODJ-63.5×1.65
80
SA49-88.9×2.3
SA65-76.1×1.6
–
–
SD49-85.0×2.0
–
–
SODK-76.2×1.65
100
SA39-114.3×2.3 SA66-101.6×2.0 –
–
SD50-104.0×2.0 –
–
SODL-101.6×2.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com