Electronic Components Datasheet Search
  English  ▼

X  

8036 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8036
Description  T-diaphragm valve with manually operated actuator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8036 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8036 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Type 3234
7 | 13
Visit product website 
4.2. T-Body with welded connection
Note:
Dimensions in mm, unless otherwise stated
C
F
E
A
B
Dia-
phragm
size
Port 1 -
Port 2
DN
Ø D1
s1
Ø D2
s2
A
B
C
E
F
G
H
I
Product key1.)
(Port 1 -
Port 2)
DIN EN ISO 1127/ISO 4200/DIN 11866 series B
8
8…8
13.5
1.6
13.5
1.6
78.0
20
47.2
20
60
24
15
5.0
SA40-SA40
10…8
17.2
13.5
78.0
49.00
60
29
18
8.0
SA41-SA40
10…10
17.2
17.2
78.0
49.00
60
29
18
8.0
SA41-SA41
15…8
21.3
13.5
78.0
51.1
64
34
21
11.0
SA42-SA40
15…10
21.3
17.2
78.0
51.1
64
34
21
11.0
SA42-SA41
20…8
26.9
13.5
88.0
25
53.9
70
38
23
13.0
SA43-SA40
20…10
26.9
17.2
88.0
53.9
70
38
23
13.0
SA43-SA41
25…8
33.7
2.0
13.5
88.0
53.9
76
45
26
16.0
SA44-SA40
25…10
33.7
17.2
88.0
53.9
76
45
26
16.0
SA44-SA41
32…8
42.4
13.5
88.0
60.50
84
52
29
19.0
SA45-SA40
32…10
42.4
17.2
88.0
61.20
84
52
29
19.0
SA45-SA41
40…8
48.3
13.5
88.0
64.2
90
57
31
21.0
SA46-SA40
40…10
48.3
17.2
88.0
64.2
90
57
31
20.0
SA46-SA41
50…8
60.3
13.5
98.0
30
70.2
102
66
34
24.0
SA47-SA40
50…10
60.3
17.2
98.0
70.2
102
66
34
24.0
SA47-SA41
65…8
76.1
13.5
98.0
78.1
118
80
40
30.0
SA48-SA40
80…8
88.9
2.3
13.5
98.0
84.2
131
92
46
36.0
SA49-SA40
80…10
88.9
17.2
98.0
84.2
131
92
46
35.0
SA49-SA41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com