Electronic Components Datasheet Search
  English  ▼

X  

8036 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8036
Description  T-diaphragm valve with manually operated actuator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8036 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8036 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8036 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Visit product website 
Type 2034
Multifunction block and
weld solution
Type 2031
2/2-way diaphragm
valve with pneumatic
plastic actuator (Type
CLASSIC)
Type 2063
2/2 way diaphragm
valve with pneumatic
actuator in stainless
steel (Type INOX)
Type 2036
Robolux multiway mult-
iport diaphragm valve,
pneumatically operated
Type 8036
Inline flowmeter with
paddle wheel, ELE-
MENT design
1000450619 | Standard | EU | en | 202203 | 03
T-diaphragm valve with manually operated
actuator
• Valve body and diaphragm are available in various materials and
variants
• Product wetted surfaces in Ra ≤ 0.38 µm...1.6 µm (optionally elec-
tropolished)
• Available in all common connection sizes and variants
The manually operated diaphragm valve Type 3234 consists of a manually
operated actuator, a diaphragm and a T-valve body. The manual actuator, op-
tionally with a plastic or stainless steel handwheel, ensures use in hygienic or
aggressive ambient conditions. The flow-efficient valve bodies with little dead
space enable high flow rates and a wide range of possible uses. The valve
body and the diaphragm are available in all common materials and variants.
The actuator has a compact, autoclavable design and is compatible with
all other Bürkert diaphragm valves. An explosion-proof ATEX/IECEx device
variant is available.
The add-on body and the handwheel are optionally available in plastic or
stainless steel and are equipped with an integrated optical position indicator.
The manual actuator can be optionally equipped with a stroke limiter, sensors
for position feedback and a locking function.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
© Christian Bürkert GmbH & Co. KG, Subject to alteration
Type 3234
Manually operated diaphragm valve
DATA SHEET


Similar Part No. - 8036

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8036 ETC2-8036 Datasheet
90Kb / 1P
TYPE N MALE TO TYPE N FEMALE ADAPTER
logo
Heyco.
8036 HEYCO-8036 Datasheet
173Kb / 1P
Specialty Pins
logo
Christian Bürkert GmbH ...
8036 BURKERT-8036 Datasheet
933Kb / 12P
Inline flowmeter with paddle wheel, ELEMENT design
12.02.2024
8036 BURKERT-8036 Datasheet
1Mb / 28P
2/2-way diaphragm valve with manually operated actuator
04.11.2021
8036 BURKERT-8036 Datasheet
1Mb / 15P
Tank bottom diaphragm valve with hand actu-ator
25.01.2021
More results

Similar Description - 8036

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VZPR-BPD-22-R1 FESTO-VZPR-BPD-22-R1 Datasheet
91Kb / 1P
Ball valve actuator unit
VZPR-BPD-22-R12 FESTO-VZPR-BPD-22-R12 Datasheet
91Kb / 1P
Ball valve actuator unit
VZPR-BPD-22-R14 FESTO-VZPR-BPD-22-R14 Datasheet
92Kb / 1P
Ball valve actuator unit
VZPR-BPD-22-R34 FESTO-VZPR-BPD-22-R34 Datasheet
92Kb / 1P
Ball valve actuator unit
1758073 FESTO-1758073 Datasheet
107Kb / 2P
Ball valve actuator unit
1758078 FESTO-1758078 Datasheet
105Kb / 2P
Ball valve actuator unit
1774106 FESTO-1774106 Datasheet
110Kb / 2P
Ball valve actuator unit
1774107 FESTO-1774107 Datasheet
110Kb / 2P
Ball valve actuator unit
logo
CUI Devices
CPT-2064-L100 CUID-CPT-2064-L100 Datasheet
353Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2065-L100 CUID-CPT-2065-L100 Datasheet
311Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com