| Electronic Components Datasheet Search |
|
2104 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2104 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG |
|
1 / 13 page ![]() Visit product website DATA SHEET Type 2100 Pneumatically operated 2/2-way angle seat valve ELEMENT for decentral- ized automation Type 2101 Pneumatically operated 2/2-way globe valve ELEMENT for decentral- ised automation Type 2103 2/2-way diaphragm valve with pneumatic stainless steel actuator (Type ELE- MENT) for decentralised automation Type 2104 T-diaphragm valve with pneumatic actuator in stainless steel (Type ELE- MENT) for decentralised automation Type 2105 Tank bottom diaphragm valve with pneumatic actuator in stainless steel (Type ELEMENT) for decentralised automation Type 2106 Pneumatically operated 3/2-way seat valve ELEMENT for decentral- ized automation Standard | EU | en | 2024 - 03 - 06 | 20 Pneumatic control unit for decentralised automation of process valves ELEMENT • Compact design • Integrated pilot valve with manual override • Integrated control air routing in the actuator • Visual position indicator • With ATEX II cat. 3G/D and cat. 2G/D approval The pneumatic control unit Type 8690 is designed for decentralised automation of ELEMENT Type 21xx pneumatic process valves. Mechanical or inductive limit switches register the valve position. The integrated pilot valve controls single or double-acting actuators. The design of the control unit and the actuator enables an internal control air routing without external tubings. Besides the electrical position feedback, the status of the device is shown directly on the pneumatic control unit itself. The housing is easy to clean and features proven IP protection and chemically resistant materials for use in hygienic processing, in food, beverage and pharmaceutical industries. Focused on wash down applications, the IP protection of the housing is supported by a positive pressure inside the control head. Combined with Bürkert ELEMENT actuators, the pneumatic actuating system enables spring chamber aeration that avoids actuator chamber contamination from the environment. Product variants described in the data sheet may differ from the product presentation and description. Type description Can be combined with Type 8690 © Christian Bürkert GmbH & Co. KG, Subject to alteration |
Similar Part No. - 2104 |
|
Similar Description - 2104 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |