Electronic Components Datasheet Search
  English  ▼

X  

2104 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 2104
Description  Pneumatic control unit for decentralised automation of process valves ELEMENT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2104 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 2104 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2104 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2104 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2104 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2104 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2104 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2104 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2104 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2104 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Type 8690
13 | 13
Visit product website 
7.4. Ordering chart accessories
Standard accessories ELEMENT
Note:
Must be ordered separately.
Description
Article no.
M12 circular socket with cable, 8-pin, cable length: 5 m, for input and output signals
919267 
Silencer G ⅛
780779 
Silencer 6 mm, PE
902662 
Adapter kits ELEMENT
Note:
Must be ordered separately.
Adapter kits for third-party actuators can be found in the data sheet Adaptation for third-party actuators Type KK01  or contact the
appropriate Bürkert sales office.
Description
Actuator size
Control function
Article no.
Adapter kit ELEMENT Types 21xx
Ø 70/90/130 mm
Universal
665720 
Adapter kit ELEMENT Types 21xx
Ø 225 mm
Universal
60025905 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com