| Electronic Components Datasheet Search |
|
TMD26721 Datasheet(PDF) 15 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD26721 Datasheet(HTML) 15 Page - OSRAM GmbH |
|
15 / 44 page ![]() Page 14 ams Datasheet Document Feedback [v1-00] 2015-Mar-23 TMD2672 − Principles of Operation Proximity Detection Proximity detection is accomplished by measuring the amount of IR energy, from the internal IR LED, reflected off an object to determine its distance. The internal proximity IR LED is driven by the integrated proximity LED current driver as shown in Figure 19. Figure 19: Proximity Detection The LED current driver, output on the LDR terminal, provides a regulated current sink that eliminates the need for an external current limiting resistor. PDRIVE sets the drive current to one of four selectable levels. Referring to the Detailed State Machine figure, the LED current driver pulses the IR LED as shown in Figure 20 during the Prox Accum state. Figure 20 also illustrates that the LED On pulse has a fixed width of 7.3μs and period of 16.0μs. So, in addition to setting the proximity drive current, 1 to 255 proximity pulses (PPULSE) can be programmed. When deciding on the number of proximity pulses, keep in mind that the signal increases proportionally to PPULSE, while noise increases by the square root of PPULSE. CH1 Prox Integration Prox Control Prox ADC Prox LED Current Driver CH0 PDATAH(r0x019) PDRIVE(r0x0F, b7:6) Prox Data IR LED PTIME(r0x02) PVALID(r0x13, b1) PPULSE(r0x0E) POFFSET(r0x1E) PSAT(r0x13, b6) PDIODE(r0x0F, b5:4) Background Energy PDATAL(r0x018) Object LDR LEDK LEDA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |