Electronic Components Datasheet Search
  English  ▼

X  

TMD26721 Datasheet(PDF) 28 Page - OSRAM GmbH

Part # TMD26721
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26721 Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button TMD26721 Datasheet HTML 24Page - OSRAM GmbH TMD26721 Datasheet HTML 25Page - OSRAM GmbH TMD26721 Datasheet HTML 26Page - OSRAM GmbH TMD26721 Datasheet HTML 27Page - OSRAM GmbH TMD26721 Datasheet HTML 28Page - OSRAM GmbH TMD26721 Datasheet HTML 29Page - OSRAM GmbH TMD26721 Datasheet HTML 30Page - OSRAM GmbH TMD26721 Datasheet HTML 31Page - OSRAM GmbH TMD26721 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
ams Datasheet
Page 27
[v1-00] 2015-Mar-23
Document Feedback
TMD2672 − Principles of Operation
Control Register (0x0F)
The Control Register provides four bits of control to the analog
block. These bits control the diode drive current and diode
selection functions.
Figure 35:
Control Register
Note(s) and/or Footnote(s):
1. LED STRENGTH values (italic) are nominal operating values. Specifications can be found in the Proximity Characteristics table.
7
6
5
4
32
10
PDRIVE
PDIODE
PGAIN
Reserved
Field
Bits
Description
PDRIVE (1)
7:6
Proximity LED Drive Strength
Field Value
LED STRENGTH - PDL = 0
LED STRENGTH - PDL = 1
00
100mA
11.1mA
01
50mA
5.6mA
10
25mA
2.8mA
11
12.5mA
1.4mA
PDIODE
5:4
Proximity Diode Selector
Field Value
Diode Selection
00
Proximity uses neither diode
01
Proximity uses the CH0 diode
10
Proximity uses the CH1 diode
11
Reserved - Do not write
PGAIN
3:2
Proximity Gain
Field Value
Proximity Gain Value
00
1× gain
01
2× gain
10
4× gain
11
8× gain
Reserved
1:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com