Electronic Components Datasheet Search
  English  ▼

X  

TMD26723 Datasheet(PDF) 36 Page - OSRAM GmbH

Part # TMD26723
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26723 Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button TMD26723 Datasheet HTML 32Page - OSRAM GmbH TMD26723 Datasheet HTML 33Page - OSRAM GmbH TMD26723 Datasheet HTML 34Page - OSRAM GmbH TMD26723 Datasheet HTML 35Page - OSRAM GmbH TMD26723 Datasheet HTML 36Page - OSRAM GmbH TMD26723 Datasheet HTML 37Page - OSRAM GmbH TMD26723 Datasheet HTML 38Page - OSRAM GmbH TMD26723 Datasheet HTML 39Page - OSRAM GmbH TMD26723 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
ams Datasheet
Page 35
[v1-00] 2015-Mar-23
Document Feedback
TMD2672 − Carrier Tape & Reel Information
Figure 45:
Module Carrier Tape
Note(s) and/or Footnote(s):
1. All linear dimensions are in millimeters. Dimension tolerance is ±0.10mm unless otherwise noted.
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481-B 2001.
4. Each reel is 330 millimeters in diameter and contains 2500 parts.
5. ams packaging tape and reel conform to the requirements of EIA Standard 481-B.
6. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape.
7. This drawing is subject to change without notice.
Carrier Tape & Reel Information
Unit Orientation
TOP VIEW
DETAIL A
2.70
Ao
0.29
+ 0.02
8
5 Max
4.00
12.00
5.50
+ 0.05
j 1.50
2.00
+ 0.05
+ 0.30
− 0.10
1.75
B
AA
j 1.00
+ 0.05
DETAIL B
4.30
Bo
6
5 Max
1.70
Ko
8.00
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com