Electronic Components Datasheet Search
  English  ▼

X  

TMD26723 Datasheet(PDF) 37 Page - OSRAM GmbH

Part # TMD26723
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26723 Datasheet(HTML) 37 Page - OSRAM GmbH

Back Button TMD26723 Datasheet HTML 33Page - OSRAM GmbH TMD26723 Datasheet HTML 34Page - OSRAM GmbH TMD26723 Datasheet HTML 35Page - OSRAM GmbH TMD26723 Datasheet HTML 36Page - OSRAM GmbH TMD26723 Datasheet HTML 37Page - OSRAM GmbH TMD26723 Datasheet HTML 38Page - OSRAM GmbH TMD26723 Datasheet HTML 39Page - OSRAM GmbH TMD26723 Datasheet HTML 40Page - OSRAM GmbH TMD26723 Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Page 36
ams Datasheet
Document Feedback
[v1-00] 2015-Mar-23
TMD2672 − Soldering & Storage Information
Soldering Information
The module has been tested and has demonstrated an ability
to be reflow soldered to a PCB substrate. The process,
equipment, and materials used in these test are detailed below.
The solder reflow profile describes the expected maximum heat
exposure of components during the solder reflow process of
product on a PCB. Temperature is measured on top of
component. The components should be limited to a maximum
of three passes through this solder reflow profile.
Figure 46:
Solder Reflow Profile
Figure 47:
Solder Reflow Profile Graph
Parameter
Reference
Device
Average temperature gradient in preheating
2.5°C/sec
Soak time
tsoak
2 to 3 minutes
Time above 217°C (T1)t1
Max 60 sec
Time above 230°C (T2)t2
Max 50 sec
Time above Tpeak - 10°C (T3)t3
Max 10 sec
Peak temperature in reflow
Tpeak
260°C
Temperature gradient in cooling
Max -5°C/sec
Soldering & Storage
Information
t3
t2
t1
tsoak
T3
T2
T1
Tpeak
Not to scale — for reference only
Time (sec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com