Electronic Components Datasheet Search
  English  ▼

X  

TMD26725 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TMD26725
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26725 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TMD26725 Datasheet HTML 4Page - OSRAM GmbH TMD26725 Datasheet HTML 5Page - OSRAM GmbH TMD26725 Datasheet HTML 6Page - OSRAM GmbH TMD26725 Datasheet HTML 7Page - OSRAM GmbH TMD26725 Datasheet HTML 8Page - OSRAM GmbH TMD26725 Datasheet HTML 9Page - OSRAM GmbH TMD26725 Datasheet HTML 10Page - OSRAM GmbH TMD26725 Datasheet HTML 11Page - OSRAM GmbH TMD26725 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
ams Datasheet
Page 7
[v1-00] 2015-Mar-23
Document Feedback
TMD2672 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or
SQC (Statistical Quality Control) methods.
Figure 6:
Recommended Operating Conditions
Note(s) and/or Footnote(s):
1. While the device is operational across the temperature range, functionality will vary with temperature. Specifications are stated
only at 25°C unless otherwise noted.
Figure 7:
Operating Characteristics, VDD = 3V, TA = 25°C (unless otherwise noted)
Symbol
Parameter
Min
Nom
Max
Unit
VDD
Supply voltage
2.6
3
3.6
V
Supply voltage accuracy, VDD total error including
transients
-3
3
%
TA
Operating free-air temperature range (1)
-30
85
°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IDD
Supply current
Active - LDR pulse off
195
250
μA
Wait state
90
Sleep state - no I²C activity
2.2
4
VOL
INT, SDA output low
voltage
3mA sink current
0
0.4
V
6mA sink current
0
0.6
ILEAK
Leakage current, SDA,
SCL, INT pins
-5
5
μA
ILEAK
Leakage current, LDR
pin
-5
5
μA
VIH
SCL, SDA input high
voltage
TMD26721
0.7 VDD
V
TMD26723
1.25
VIL
SCL, SDA input low
voltage
TMD26721
0.3 VDD
V
TMD26723
0.54
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com