Electronic Components Datasheet Search
  English  ▼

X  

TMD26725 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # TMD26725
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26725 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button TMD26725 Datasheet HTML 6Page - OSRAM GmbH TMD26725 Datasheet HTML 7Page - OSRAM GmbH TMD26725 Datasheet HTML 8Page - OSRAM GmbH TMD26725 Datasheet HTML 9Page - OSRAM GmbH TMD26725 Datasheet HTML 10Page - OSRAM GmbH TMD26725 Datasheet HTML 11Page - OSRAM GmbH TMD26725 Datasheet HTML 12Page - OSRAM GmbH TMD26725 Datasheet HTML 13Page - OSRAM GmbH TMD26725 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
ams Datasheet
Page 9
[v1-00] 2015-Mar-23
Document Feedback
TMD2672 − Electrical Characteristics
Figure 9:
Proximity Test Circuit
Figure 10:
IR LED Characteristics, VDD = 3V, TA = 25°C
Figure 11:
Wait Characteristics, VDD = 3V, TA = 25°C, WEN = 1 (unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VF
Forward Voltage
IF = 20mA
1.4
1.5
V
VR
Reverse Voltage
IR = 10μA
5V
PO
Radiant Power
IF = 20mA
4.5
mW
λp
Peak Wavelength
IF = 20mA
850
nm
Δλ
Spectral Radiation
Bandwidth
IF = 20mA
40
nm
TR
Optical Rise Time
IF = 100mA, TW = 125ns,
duty cycle = 25%
20
40
ns
TF
Optical Fall Time
IF = 100mA, TW = 125ns,
duty cycle = 25%
20
40
ns
Parameter
Test Conditions
Min
Typ
Max
Unit
Wait time
WTIME = 0xFF (= 1 wait step)
2.73
2.9
ms
Wait steps
1
256
steps
TMD2672
VDD
1
mF
1
3
4
VDD
GND
LDR
5
6
LEDK
LEDA
1
mF
22
mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com