Electronic Components Datasheet Search
  English  ▼

X  

TMD27123M Datasheet(PDF) 16 Page - OSRAM GmbH

Part # TMD27123M
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD27123M Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button TMD27123M Datasheet HTML 12Page - OSRAM GmbH TMD27123M Datasheet HTML 13Page - OSRAM GmbH TMD27123M Datasheet HTML 14Page - OSRAM GmbH TMD27123M Datasheet HTML 15Page - OSRAM GmbH TMD27123M Datasheet HTML 16Page - OSRAM GmbH TMD27123M Datasheet HTML 17Page - OSRAM GmbH TMD27123M Datasheet HTML 18Page - OSRAM GmbH TMD27123M Datasheet HTML 19Page - OSRAM GmbH TMD27123M Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
Datasheet, Public
Page 15
[v4-00] 2023-Jan-02
Document Feedback
TMD2712 − Register Description
Note(s):
1. R = Read Only / W = Write Only / R/W = Read or Write / SC = Self Clearing after access.
0xA6
REVID2
R
Revision ID two
0x00 or 0x0F
0xA8
SOFTRST
R/W
Soft reset
0x00
0xA9
PWTIME
R/W
Proximity wait time
0x00
0xAA
CFG8
R/W
Configuration eight (must be set to 0x29)
0x2A
0xAB
CFG3
R/W
Configuration three
0x01
0xAE
CFG6
R/W
Configuration six
0x3F
0xC0
POFFSETL
R/W
Proximity offset low data
0x00
0xC1
POFFSETH
R/W
Proximity offset high data
0x00
0xD7
CALIB
R/W
Proximity offset calibration
0x00
0xD8
CALIB_OFFSET
R/W
Proximity offset extension
0x00
0xD9
CALIBCFG
R/W
Proximity offset calibration control
0x50
0xDC
CALIBSTAT
R
Proximity offset calibration status
0x00
0xDD
INTENAB
R/W
Interrupt enables
0x00
0xE6
FAC_L
R
Factory data low
0x00 to 0xFF
0xE7
FAC_H
R
Factory data high
0x00 to 0xFF
0xF9
TEST9
R/W
Test nine (must be set to 0x06)
0x0C
Address
Register Name
R/W
Register Function
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com