Electronic Components Datasheet Search
  English  ▼

X  

TMD27123M Datasheet(PDF) 40 Page - OSRAM GmbH

Part # TMD27123M
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD27123M Datasheet(HTML) 40 Page - OSRAM GmbH

Back Button TMD27123M Datasheet HTML 36Page - OSRAM GmbH TMD27123M Datasheet HTML 37Page - OSRAM GmbH TMD27123M Datasheet HTML 38Page - OSRAM GmbH TMD27123M Datasheet HTML 39Page - OSRAM GmbH TMD27123M Datasheet HTML 40Page - OSRAM GmbH TMD27123M Datasheet HTML 41Page - OSRAM GmbH TMD27123M Datasheet HTML 42Page - OSRAM GmbH TMD27123M Datasheet HTML 43Page - OSRAM GmbH TMD27123M Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
Datasheet, Public
Page 39
[v4-00] 2023-Jan-02
Document Feedback
TMD2712 − Application Information
Schematic
Figure 60:
Typical Applications Circuit
Note(s):
1. Place the 2.2μF VDD (C1) and 2.2μF VDD3 (C2) capacitors within 5mm of the module.
2. The value of the I²C pull up resistors (RPU) should be based on the 1.8V bus voltage, system bus speed and trace capacitance.
3. C1 and C2 are critical components to protect the device during high voltage ESD strikes.
4. In systems subjected to high voltage ESD strikes, it is recommended to connect VDD to a host GPIO pin to allow the device to be
independently power cycled.
Application Information
TMD2712
SCL
SDA
INT
C1
2.2µF
VDD
VDD3
GND
R1
22
1.8V
3.0V
RPU
RPU
10K
C2
2.2µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com