Electronic Components Datasheet Search
  English  ▼

X  

TMD37193 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # TMD37193
Description  ALS/Color and Proximity Sensor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37193 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button TMD37193 Datasheet HTML 6Page - OSRAM GmbH TMD37193 Datasheet HTML 7Page - OSRAM GmbH TMD37193 Datasheet HTML 8Page - OSRAM GmbH TMD37193 Datasheet HTML 9Page - OSRAM GmbH TMD37193 Datasheet HTML 10Page - OSRAM GmbH TMD37193 Datasheet HTML 11Page - OSRAM GmbH TMD37193 Datasheet HTML 12Page - OSRAM GmbH TMD37193 Datasheet HTML 13Page - OSRAM GmbH TMD37193 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
Datasheet, Public
Page 9
[v2-00] 2023-Jan-12
Document Feedback
TMD3719 − Optical Characteristics
Figure 9:
Proximity Characteristics of TMD3719
Parameter
Conditions
Min
Typ
Max
Unit
Near Response, Relative
Variation(1), (4)
PGAIN = 0 (1x)
All 3 ISINKs set to 10mA(5)
PPULSE_LEN = 4 (64μs)
PPULSE = 2 (3pulses)
d= 50mm round target
84mm target distance
After electrical calibration
75
100
125
%
Far Response, Relative
Variation(1), (4)
PGAIN = 0 (1x)
All 3 ISINKs set to 10mA(5)
PPULSE_LEN = 4 (64μs)
PPULSE = 2 (3pulses)
d= 50mm round target
84mm target distance
After electrical calibration
80
100
120
%
Near/Far Ratio Response,
Relative Variation(1)
PGAIN = 0 (1x)
All 3 ISINKs set to 10mA(5)
PPULSE_LEN = 4 (64μs)
PPULSE = 2 (3pulses)
d= 50mm round target
84mm target distance
After electrical calibration
87.5
100
112.5
%
Near Response,
Absolute(2)
PGAIN = 0 (1x)
All 3 ISINKs set to 10mA(5)
PPULSE_LEN = 3 (32μs)
PPULSE = 0 (1pulse)
POFFSET = 0
100mm x 100mm, 90% reflective
Kodak gray card
100mm target distance
5338
7117
8897
counts
Far Response, Absolute(2)
PGAIN = 0 (1x)
All 3 ISINKs set to 10mA(5)
PPULSE_LEN = 3 (32μs)
PPULSE = 0 (1pulse)
POFFSET = 0
100mm x 100mm, 90% reflective
Kodak gray card
100mm target distance
5419
6774
8129
counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com