Electronic Components Datasheet Search
  English  ▼

X  

TMD37193 Datasheet(PDF) 53 Page - OSRAM GmbH

Part # TMD37193
Description  ALS/Color and Proximity Sensor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37193 Datasheet(HTML) 53 Page - OSRAM GmbH

Back Button TMD37193 Datasheet HTML 49Page - OSRAM GmbH TMD37193 Datasheet HTML 50Page - OSRAM GmbH TMD37193 Datasheet HTML 51Page - OSRAM GmbH TMD37193 Datasheet HTML 52Page - OSRAM GmbH TMD37193 Datasheet HTML 53Page - OSRAM GmbH TMD37193 Datasheet HTML 54Page - OSRAM GmbH TMD37193 Datasheet HTML 55Page - OSRAM GmbH TMD37193 Datasheet HTML 56Page - OSRAM GmbH TMD37193 Datasheet HTML 57Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 95 page
background image
Page 52
Datasheet, Public
Document Feedback
[v2-00] 2023-Jan-12
TMD3719 − Register O ver view
Figure 55:
PERS
Note(s):
1. Return to the Register Map (0x9A)
Addr: 0x9A
PERS
Bit
Field
Reset
Type
Bit Description
7:4
PPERS
0001
R/W
Proximity Interrupt Persistence. Defines a filter for the
number of consecutive occurrences that PDATA must
remain outside the threshold range between PILT and PIHT
before an interrupt is generated. Any sample that is inside
the threshold range resets the counter to 0.
VALUE
CONSECUTIVE PDATA OUT OF RANGE TO
INTERRUPT
0
Every proximity cycle generates an interrupt
11
22
∙∙∙
PPERS
15
15
3:0
APERS
0001
R/W
ALS Interrupt Persistence. Defines a filter for the number
of consecutive occurrences that ALS/color data must remain
outside the threshold range between AILT and AIHT before
an interrupt is generated. The ALS data channel used for the
persistence filter is set by ALS_TH_CHANNEL. Any sample
that is inside the threshold range resets the counter to 0.
VALUE
CONSECUTIVE ADATA OUT OF RANGE TO
INTERRUPT
0
Every ALS cycle generates an interrupt
11
22
33
45
510
∙∙∙
5 × (APERS – 3)
14
55
15
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com