Electronic Components Datasheet Search
  English  ▼

X  

AD5726 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5726
Description  Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5726 Datasheet(HTML) 4 Page - Analog Devices

  AD5726 Datasheet HTML 1Page - Analog Devices AD5726 Datasheet HTML 2Page - Analog Devices AD5726 Datasheet HTML 3Page - Analog Devices AD5726 Datasheet HTML 4Page - Analog Devices AD5726 Datasheet HTML 5Page - Analog Devices AD5726 Datasheet HTML 6Page - Analog Devices AD5726 Datasheet HTML 7Page - Analog Devices AD5726 Datasheet HTML 8Page - Analog Devices AD5726 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5726
Rev. 0 | Page 4 of 20
AVDD = +15 V ± 5%, AVSS = −15 V ± 5%, VREFP = +10 V, VREFN = −10 V, RLOAD = 2 kΩ. All specifications TMIN to TMAX, unless otherwise noted.1
Table 3.
Parameter
Value
Unit
Test Conditions/Comments
ACCURACY
Resolution
12
Bits
Relative Accuracy (INL)
±0.5
LSB max
Y grade
Differential Nonlinearity (DNL)
±1
LSB max
Guaranteed monotonic
Linearity Matching
±1
LSB max
Zero-Scale Error
±3
LSB max
Full-Scale Error
±3
LSB max
Zero-Scale TC2
±4
ppm FSR/°C typ
Full-Scale TC2
±4
ppm FSR/°C typ
REFERENCE INPUT
VREFP
Reference Input Range3
VREFN + 2.5
V min
AVDD − 2.5
V max
Input Current
±2
mA max
Code 0x000, Code 0x555, typically 1 mA
VREFN
Reference Input Range3
−10 V
V min
VREFP − 2.5
V max
Input Current2
−3.5
mA min
Code 0x000, Code 0x555, typically −2 mA
Large Signal Bandwidth2
450
kHz typ
−3 dB, VREFP = 0 V to 2.5 V p-p
OUTPUT CHARACTERISTICS2
Output Current
±5
mA max
DIGITAL INPUTS
VIH, Input High Voltage
2.4
V min
VIL, Input Low Voltage
0.8
V max
Input Current2
10
μA max
Input Capacitance2
5
pF typ
POWER SUPPLY CHARACTERISTICS
Power Supply Sensitivity2
0.002
%/% max
Typically 0.0004
AIDD
2
mA/channel max
Outputs unloaded, typically 1.25 mA, VIL = DGND, VIH = 5 V
AISS
2
mA/channel max
Outputs unloaded, typically 1.25 mA, VIL = DGND, VIH = 5 V
Power Dissipation
240
mW max
1 All supplies can be varied ±5% and operation is guaranteed.
2 Guaranteed by design and characterization, not production tested.
3 Operation is guaranteed over this reference range, but linearity is neither tested nor guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com