Electronic Components Datasheet Search
  English  ▼

X  

AD5726 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5726
Description  Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5726 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5726 Datasheet HTML 3Page - Analog Devices AD5726 Datasheet HTML 4Page - Analog Devices AD5726 Datasheet HTML 5Page - Analog Devices AD5726 Datasheet HTML 6Page - Analog Devices AD5726 Datasheet HTML 7Page - Analog Devices AD5726 Datasheet HTML 8Page - Analog Devices AD5726 Datasheet HTML 9Page - Analog Devices AD5726 Datasheet HTML 10Page - Analog Devices AD5726 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD5726
Rev. 0 | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise noted.
Transient currents up to 100 mA do not cause SCR latch-up.
Table 6.
Parameter
Rating
AVSS to GND
+0.3 V to −17 V
AVDD to GND
−0.3 V to +17 V
AVSS to AVDD
−0.3 V to +34 V
AVSS to VREFN
−0.3 V to +AVSS − 2 V
Current into Any Pin
±15 mA
Digital Input Voltage to GND
−0.3 V to +7 V
Digital Output Voltage to GND
−0.3 V to +7 V
Operating Temperature Range
Industrial
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
105°C
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
16-Lead SSOP
151
28
°C/W
16-Lead SOIC
124.9
42.9
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com