Electronic Components Datasheet Search
  English  ▼

X  

SSQC2 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SSQC2
Description  Replaceable SSQ/SST with Integral Clips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SSQC2 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SSQC2 Datasheet HTML 1Page - Bel Fuse Inc. SSQC2 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Corporate Office
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K
Tel: 44-1772-556601
Fax: 44-1772-888366
SMD1005
10
MECHANICAL
DIMENSIONS
FUSE TYPE
PAD LAYOUT
RECOMMENDED
SMP
SSQ / SST
SSQ / SST
WITH
INTEGRAL
CLIP
C1Q
C2Q
2.03 ±0.10mm
(0.080" ±0.004")
9.65 ± 0.25mm
(0.38" ±0.01")
3.05 ±0.13mm
(0.120" ±0.005")
3.05 ± 0.13mm
(0.120" ±0.005")
3.81mm
(0.15")
4.06mm
(0.16")
5.08mm
(0.20")
1.35 ± 0.10mm
(0.053" ± 0.004")
6.10 ± 0.25mm
(0.240" ± 0.01")
2.54 ± 0.10mm
(0.100" ± 0.004")
2.54 ± 0.10mm
(0.100" ± 0.004")
3.18mm
(0.125")
3.00mm
(0.12")
2.00mm
(0.08")
2.92±0.2mm
(0.115"±0.008")
8.38±0.5mm
(0.330"±0.02")REF
FUSE
7.49mm
(0.295" )REF.
3.25±0.1mm
(0.128"±0.004")
2.49mm
(0.098")
3.33mm
(0.131")
REF.
3.81mm
(0.150")
0.30 ± 0.10mm
(0.012" ± 0.004")
0.48 ± 0.08mm
(0.019" ± 0.003")
0.79 ± 0.10mm
(0.031" ± 0.004")
1.60 ± 0.13mm
(0.063" ± 0.005")
1.27mm
(0.05")
1.02mm
(0.04")
0.76mm
(0.03")
0.66mm
(0.026")
0.76mm
(0.03")
0.76mm
(0.03")
WAVE SOLDER
INFRARED SOLDER
SMD Comparison
0.36 ±0.15mm
(0.014" ±0.006")
3.07 ±0.13mm
(0.121" ±0.005")
0.58 ±0.08mm
(0.023" ±0.003")
1.52 ±0.10mm
(0.060" ±0.004")
2.03mm
(0.08")
1.52mm
(0.06")
1.78mm
(0.07")
1.14mm
(0.045 ")
1.52mm
(0.06")
WAVE SOLDER
INFRARED SOLDER
1.52mm
(0.06")
NOTE - see important information under “User Guide”on P.08



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com