Electronic Components Datasheet Search
  English  ▼

X  

SSQC2 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SSQC2
Description  Replaceable SSQ/SST with Integral Clips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SSQC2 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SSQC2 Datasheet HTML 1Page - Bel Fuse Inc. SSQC2 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE LAST 2 PAGES
t
n
u
o
M
e
c
a
f
r
u
S
c
i
m
a
r
e
C
e
r
a
u
q
S
Q
S
S
e
s
u
F
n
o
i
t
c
A
k
c
i
u
Q
r
e
b
m
u
N
g
o
l
a
t
a
Cg
n
i
t
a
R
e
r
e
p
m
A
0
5
2
C
Q
S
SA
m
0
5
2
5
7
3
C
Q
S
SA
m
5
7
3
0
0
5
C
Q
S
SA
m
0
0
5
0
5
7
C
Q
S
SA
m
0
5
7
1
C
Q
S
SA
1
5
2
.
1
C
Q
S
SA
5
2
.
1
5
.
1
C
Q
S
SA
5
.
1
2
C
Q
S
SA
2
5
.
2
C
Q
S
SA
5
.
2
3
C
Q
S
SA
3
5
.
3
C
Q
S
SA
5
.
3
4
C
Q
S
SA
4
5
C
Q
S
SA
5
3
.
6
C
Q
S
SA
3
.
6
7
C
Q
S
SA
7
8
C
Q
S
SA
8
t
n
u
o
M
e
c
a
f
r
u
S
c
i
m
a
r
e
C
e
r
a
u
q
S
T
S
S
e
s
u
F
w
o
l
B
w
o
l
S
r
e
b
m
u
N
g
o
l
a
t
a
Cg
n
i
t
a
R
e
r
e
p
m
A
5
7
3
C
T
S
SA
m
5
7
3
0
0
5
C
T
S
SA
m
0
0
5
5
2
6
C
T
S
SA
m
5
2
6
0
5
7
C
T
S
SA
m
0
5
7
1
C
T
S
SA
1
5
.
1
C
T
S
SA
5
.
1
2
C
T
S
SA
2
5
.
2
C
T
S
SA
5
.
2
3
C
T
S
SA
3
5
.
3
C
T
S
SA
5
.
3
4
C
T
S
SA
4
5
C
T
S
SA
5
7
C
T
S
SA
7
Replaceable SSQ/SST with
Integral Clips
SSQCD1005
ESSQD1005A1
Consult manufacturer for other ratings
Mechanical Dimensions
REF.
3.33mm
(0.131")
9.15mm
(0.360")
Recommended Pad Layout
2.49mm
(0.098")
3.30mm
(0.130")
REF.
REF.
3.25 ± 0.10mm
(0.128" ± 0.004")
2.92 ± 0.2mm
(0.115" ± 0.08")
7.49mm
(0.295")
FUSE
3.81mm
(0.150")
8.38 ± 0.5mm
(0.330" ± 0.02")
SSQC
09
RoHS Compliant
These fuse/clip assemblies can efficiently placed in a single
pass. Once reflowed, fuse replacement requires no resoldering.
RoHS Compliant Product
RoHS Reflow Reference: Industrial standard 260
°C, 40 sec max
Electrical Specification
Maximum Recommended Fuse Current Rating 8 Amperes,
125 Volts
Environmental Specifications
Operating Temperature
-55
°C to 125°C
Shock
MIL-STD-202, Method 213,Test Condition I
(100 G’s peak for 6 milliseconds)
Vibration
MIL-STD-202, Method 201
(10-55 Hz, 0.06 inch, total excursion)
Insulation Resistance
MIL-STD-202, Method 302,Test Condition A
(After Opening) 10,000 ohms minimum.
Solderability
MIL-STD-202, Method 208
Thermal Shock
MIL-STD-202, Method107, Test Condition B
(-65
°C to +125°C)
Physical Specification
Materials
Clip Terminals:Tin Plated Inconel Alloy
Packaging
2,000 fuses in 13 inches dia. reel, 16mm wide tape, 8mm pitch,
per EIA standard 481


Similar Part No. - SSQC2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SSQC2 BEL-SSQC2 Datasheet
209Kb / 1P
Replaceable SSQ/SST with Integral Clips
SSQC2 BEL-SSQC2 Datasheet
372Kb / 1P
2410 size SMD fuses, pre-assembled in SMD clips
SSQC2.5 BEL-SSQC2.5 Datasheet
209Kb / 1P
Replaceable SSQ/SST with Integral Clips
SSQC2.5 BEL-SSQC2.5 Datasheet
372Kb / 1P
2410 size SMD fuses, pre-assembled in SMD clips
SSQC250 BEL-SSQC250 Datasheet
209Kb / 1P
Replaceable SSQ/SST with Integral Clips
More results

Similar Description - SSQC2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS1102C ETC1-SS1102C Datasheet
1Mb / 129P
Integrated MCU with Spread-Spectrum Transceiver (SST)
logo
Analog Devices
ADT7484A AD-ADT7484A Datasheet
413Kb / 16P
Digital Temperature Sensor with SST Interface
7/06-Revision 0
logo
SMSC Corporation
EMC1103 SMSC-EMC1103 Datasheet
213Kb / 3P
SST Compliant Hardware Monitor with Three Temperature Channels
logo
Feature Integration Tec...
F75367 FINTEK-F75367 Datasheet
519Kb / 21P
짹1oC Temperature Sensor with I2C-SST Bridge
logo
Pomona Electronics
5676A POMONA-5676A Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Bel Fuse Inc.
SSQC250 BEL-SSQC250_11 Datasheet
209Kb / 1P
Replaceable SSQ/SST with Integral Clips
logo
3M Electronics
6473 3M-6473 Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
10-Jul-2002
logo
List of Unclassifed Man...
SST-90 ETC2-SST-90 Datasheet
3Mb / 23P
SST-90 LEDs
logo
Cooper Bussmann, Inc.
5592-11 COOPER-5592-11 Datasheet
83Kb / 1P
Fuse Clips with Mounting Holes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com