Electronic Components Datasheet Search
  English  ▼

X  

PDTC114ET Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTC114ET
Description  NPN resistor-equipped transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC114ET Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTC114ET Datasheet HTML 1Page - NXP Semiconductors PDTC114ET Datasheet HTML 2Page - NXP Semiconductors PDTC114ET Datasheet HTML 3Page - NXP Semiconductors PDTC114ET Datasheet HTML 4Page - NXP Semiconductors PDTC114ET Datasheet HTML 5Page - NXP Semiconductors PDTC114ET Datasheet HTML 6Page - NXP Semiconductors PDTC114ET Datasheet HTML 7Page - NXP Semiconductors PDTC114ET Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PDTC114E_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 12 — 21 December 2011
2 of 17
NXP Semiconductors
PDTC114E series
NPN resistor-equipped transistors; R1 = 10 k
, R2 = 10 k
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = placeholder for manufacturing site code.
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
SOT23; SOT323; SOT416
1
input (base)
2
GND (emitter)
3
output (collector)
SOT883
1
input (base)
2
GND (emitter)
3
output (collector)
006aaa144
12
3
sym007
3
2
1
R1
R2
3
1
2
Transparent
top view
sym007
3
2
1
R1
R2
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PDTC114EE
SC-75
plastic surface-mounted package; 3 leads
SOT416
PDTC114EM
SC-101
leadless ultra small plastic package; 3 solder lands;
body 1.0
 0.6  0.5 mm
SOT883
PDTC114ET
-
plastic surface-mounted package; 3 leads
SOT23
PDTC114EU
SC-70
plastic surface-mounted package; 3 leads
SOT323
Table 5.
Marking codes
Type number
Marking code[1]
PDTC114EE
09
PDTC114EM
DS
PDTC114ET
*16
PDTC114EU
*09



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com