Electronic Components Datasheet Search
  English  ▼

X  

PDTC114ET Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PDTC114ET
Description  NPN resistor-equipped transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC114ET Datasheet(HTML) 3 Page - NXP Semiconductors

  PDTC114ET Datasheet HTML 1Page - NXP Semiconductors PDTC114ET Datasheet HTML 2Page - NXP Semiconductors PDTC114ET Datasheet HTML 3Page - NXP Semiconductors PDTC114ET Datasheet HTML 4Page - NXP Semiconductors PDTC114ET Datasheet HTML 5Page - NXP Semiconductors PDTC114ET Datasheet HTML 6Page - NXP Semiconductors PDTC114ET Datasheet HTML 7Page - NXP Semiconductors PDTC114ET Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PDTC114E_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 12 — 21 December 2011
3 of 17
NXP Semiconductors
PDTC114E series
NPN resistor-equipped transistors; R1 = 10 k
, R2 = 10 k
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Reflow soldering is the only recommended soldering method.
[3]
Device mounted on an FR4 PCB with 70
m copper strip line, standard footprint.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
10
V
VI
input voltage
positive
-
+40
V
negative
-
10
V
IO
output current
-
100
mA
ICM
peak collector current
single pulse; tp  1ms
-
100
mA
Ptot
total power dissipation
Tamb  25 C
PDTC114EE (SOT416)
[1][2] -150
mW
PDTC114EM (SOT883)
[2][3] -250
mW
PDTC114ET (SOT23)
[1] -250
mW
PDTC114EU (SOT323)
[1] -200
mW
Tj
junction temperature
-
150
C
Tamb
ambient temperature
65
+150
C
Tstg
storage temperature
65
+150
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com