Electronic Components Datasheet Search
  English  ▼

X  

2513 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 2513
Description  4/2 way Solenoid Valve for pneumatics
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2513 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  2513 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Type 5420
3 | 11
Visit product website 
1.
General technical data
Product properties
Dimensions
Detailed information can be found in chapter “4. Dimensions” on page 5
Materials
Body
Polyamide
Seal
NBR
Coil
Polyamide, Epoxy
Orifice
DN3
Electrical data
Operating voltage
Standard version: 24 V DC 24/230 V/50…60 Hz
ATEX version: 24/110/230 V UC
Power consumption
V DC version: 2 W
V AC version: 11 VA (inrush), 6 VA (hold)
Voltage tolerance
+ 10 %
Performance data
Air pressure quality
ISO 8573 - 1:2010, class 7.4.4
Flow rate (Q
Nn-value air)
200 l/min (Measured at + 20 °C, 6 bar pressure at valve inlet and 1 bar pressure differ-
ence)
Duty cycle
100 % continuously rated
Response time
Opening: 30 ms (pressure rise 0…90 %)
Closing: 20 ms (pressure drop 100…10 %)
Medium data
Medium
Neutral medium, e.g. lubricated or unlubricated compressed air
Medium temperature
- 10 °C… + 60 °C
Medium pressure
2.5…10 bar (Overpressure to the atmospheric pressure)
Approvals and certificates
Protection class
IP65 with cable plug
Type of protection (ATEX and IECEx)
Coil with cable
EPS 18 ATEX 1232 X / IECEx EPS 18.0110X
II 2G Ex mb IIC T5 Gb
II 2D Ex mb IIIC T95 °C Db
Coil with junction box
EPS 18 ATEX 1232 X / IECEx EPS 18.0110X
II 2G Ex eb mb IIC T5 Gb
II 2D Ex mb tb IIIC T95 °C Db
Product connections
Port connection
G ⅛, tube SL 6/4, sub-base
Cable plug Type 2518
Cable plug Type 2518 acc. to DIN EN 175301 − 803, Form A (previously DIN 43650,
Form A) Detailed information can be found in chapter “Cable plug Type 2518, form A
acc. to DIN EN 175301 - 803” on page 9
Environment and installation
Installation
As required, preferably with actuator upright
Ambient temperature (max.)
55 °C
1.) To prevent freezing of the expanded compressed air, the pressure dew point must be at least 10 K lower than the temperature of the medium.
Orifice
Q
Nn value
Port connection
Coil power
Pressure
range
Response times1.)
Weight
1 and 3
2 and 4
Opening
Closing
[mm]
[l/min]
[W]
[bar]
[ms]
[ms]
[kg]
3
200
G ⅛
G ⅛
3
2.5…10
30
20
ca. 0.4
3
200
SL 6/4
SL 6/4
3
2.5…10
30
20
ca. 0.4
3
200
sub-base1.)
G ⅛
3
2.5…10
30
20
ca. 0.4
3
200
sub-base2.)
SL 6/4
3
2.5…10
30
20
ca. 0.4
1.) For full opening a differential pressure of 2.5 bar is required.
2.) Sub-base for mounting on manifolds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com