Electronic Components Datasheet Search
  English  ▼

X  

2513 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 2513
Description  4/2 way Solenoid Valve for pneumatics
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2513 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 2513 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2513 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Type 5420
9 | 11
Visit product website 
6.5. Ordering chart accessories
Side by side manifolds made of light metal (Aluminium)
Total Manifolds
Hole spacing
A [mm]
Total length
B [mm]
Article no.
2
75
87
005356 
3
108
120
005357 
4
141
153
005372 
5
174
186
005373 
6
207
219
005374 
8
273
285
006553 
Accessories for Manifolds
Article no.
Silencer
005424 
Screw plug for unused ports 1 or 4
005390 
Cover, complete, for unused valve positions on manifolds
005432 
Nipple with O-rings for connecting junction plate
005049 
A±0,20
6
B±0,30
27
n x33
M4 - 8 tief
5,5
9,5
Cable plug Type 2518, form A acc. to DIN EN 175301 - 803
Note:
For other versions see data sheet Type 2518 .
Cable plug
Dimensions
Version
Voltage
Article no.
35.7
3.5
1.5
29.2
Ø 19
Without circuitry (AC/DC)
0…250 V AC/DC
314802 
With LED (AC/DC)
12…24 V AC/DC
314812 
With LED and varistor (AC/DC)
12…24 V AC/DC
314820 
With rectifier, LED and varistor
12…24 V AC/DC
314816 
Cable plug Type 2513, form A acc. to DIN EN 175301 - 803
Note:
• The cable plug Type 2513 meets the requirements of ATEX category 3 GD.
• For more information on the cable plug, see data sheet Type 2513 .
Cable plug
Circuit diagram
Cable length
[mm]
Article no.
BN
BU
GNYE
12000
260893 
5000
260892 
3000
260891 
300
260890 



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com