Electronic Components Datasheet Search
  English  ▼

X  

2SC5658M Datasheet(PDF) 3 Page - Goodwork Semiconductor Co., Ltd .

Part # 2SC5658M
Description  Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

2SC5658M Datasheet(HTML) 3 Page - Goodwork Semiconductor Co., Ltd .

  2SC5658M Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . 2SC5658M Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . 2SC5658M Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GENERAL PURPOSE TRANSISTORS(NPN)
Plastic surface mounted package; 3 leads
SOT-7
PACKAGE OUTLINE
23
Min.
Max.
Min.
Max.
A
0.500
0.020
A1
0.000
0.050
0.000
0.002
b
0.170
0.270
0.007
0.011
b1
0.270
0.370
0.011
0.015
c
0.150
0.006
D
1.150
1.250
0.045
0.049
E
1.150
1.250
0.045
0.049
E1
0.750
0.850
0.030
0.033
e
7° REF.
Symbol
Dimensions In Millimeters
Dimensions In Inches
7° REF.
0.800TYP.
0.031TYP.
2SC5658M-SERIES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com