Electronic Components Datasheet Search
  English  ▼

X  

33287 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33287
Description  Contact Monitoring and Dual Low-Side Protected Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33287 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33287 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33287
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
INPUTS (IN0 TO IN7 PINS)
Input Voltage Low (Full Specification)
VIL
—
—
4.0 x VDD1
V
Input Voltage Low (Extended Limit)
VIL
—
—
3.0 x VDD1
V
Input Voltage High (Full Specification and Extended Limit)
VIH
7.0 x VDD1
—
—
V
Hysteresis (5.0 V < VDD1 < 16 V)
VHYS
5.0
1.0
—
V
Input Current (VIN < 16 V)
ILEAK
5.0
—
5.0
µA
Input Voltage Clamp (I = 100 µA)
VINCLAMP
17
20
23
V
INPUTS (AD0, AD1, AND AD2 PINS)
Input Voltage Low
VIL
—
—
4.0 x VDD2
V
Input Voltage High
VIH
8.0 x VDD2
—
—
V
Hysteresis
VHYS
500
750
—
mV
Input Current
ILEAK
-5.0
—
5.0
µA
OUTPUTS (OUT1 AND OUT7 PINS)
Output Voltage Low (ILOAD = 2.0 mA)
VOL
—
—
2.0 x VDD2
V
Output Voltage High (ILOAD = -2.0 mA)
VOH
8.0 x VDD2
—
—
V
Table 3. STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 7.0 V
≤ V
DD1 ≤ 18 V, 4.75 V ≤ VDD2 ≤ 5.25 V, -40°C ≤ TA ≤ 125°C, unless otherwise
noted. Extended limit is 5.0 V
≤ V
DD1 ≤ 7.0 V and other parameters are full specification in this mode. Inputs IN1–IN7 and low-
side drivers are still functional with down-graded characteristics.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com