Electronic Components Datasheet Search
  English  ▼

X  

33287 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33287
Description  Contact Monitoring and Dual Low-Side Protected Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33287 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33287 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33287 Datasheet HTML 15Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33287
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
TYPICAL APPLICATIONS
Figure 6. Typical Application Configuration
Figure 7. Contact Configuration
1
2
3
5
4
6
7
8
9
10
1
2
3
5
4
6
7
8
9
20
1
1
1
1
1
1
1
1
1
VDD2
IN4
IN5
IN6
IN7
OUT7
OUTi
CD1
CD2
D2
VDD1
IN3
IN2
IN1
IN0
AD0
AD1
AD2
D1
GND
8 contacts to
Vbat or GND
Vbat
470nF
Relay
Relay (65
Ω)
Lamp (1,2W)
Resistor
Lamp
5V Regulator
VDD
I/O PORT
MICROCONTROLLER
500
Ω
Contact to VBAT
10 nF
VBAT
47 k
Ω
500
Ω
Contact to GND
10 nF
VBAT
47 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com