Electronic Components Datasheet Search
  English  ▼

X  

33879A Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33879A
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879A Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33879A Datasheet HTML 16Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 17Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 18Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 19Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 20Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 21Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 22Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 23Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 24Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33879
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
5.0
2/2006
•
Page 2, Figure 1; An exposed pad internal block and EP pin have been added to the internal block
diagram.
•
Page 4, Table 1; Table 1 has been updated to reflect the Exposed pad pin and pin definition.
•
Page 6, Table 3; Logic Supply Sleep State Hysteresis and Note 7 have been removed. The VDD
Supply contains no hysteresis.
•
Page 7, Table 3; Output Fault Detection Current @ Threshold, High-Side Configuration Max
parameter has been increased from 70uA to 90uA.
•
Page 7, Table 3; Output OFF Open Load Detection Current, High-Side Configuration has been
updated to reflect the voltage of the VPWR pin during the parameter test.
•
Page 7, Table 3; Output OFF Open Load Detection Current, Low-Side Configuration has been
updated to reflect the voltage of the VPWR pin during the parameter test.
•
Page 7, Table 3; Output Leakage Current High-Side and Low-Side Configuration Max parameter
has been decreased from 7uA to 5uA.
•
Page 15, Functional Pin Description; A description has been added for the Exposed Pad pin.
•
Page 1, Device isometric; Corrected orientation of IC pin 1 from top left to bottom right.
•
ALL Pages; Updated Data Sheet to reflect Freescale formatting.
6.0
6/2007
•
Added 33879A version
•
Added MCZ33879EK/R2 and MCZ33879AEK/R2 to the Ordering Information
•
Added Device Variations on page 2
•
Removed Peak Package Reflow Temperature During Reflow (solder reflow) parameter from
Maximum Rations on page 6. Added note with instructions from www.freescale.com.
•
Changed Output Fault Detection Voltage Threshold (7) on page 8
•
Renumbered X axis on Figure 14 - Open Load Detection Threshold vs. Temperature on page 14
•
Changed Overvoltage on page 18 and Overvoltage Fault on page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com