Electronic Components Datasheet Search
  English  ▼

X  

33879A Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 33879A
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879A Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 33879A Datasheet HTML 16Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 17Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 18Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 19Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 20Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 21Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 22Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 23Page - Freescale Semiconductor, Inc 33879A Datasheet HTML 24Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
33879
FUNCTIONAL DESCRIPTION
DEVICE OPERATION
An output OFF open load fault is indicated when the drain-
to-source voltage is less than the output threshold voltage
(VOUT(flt-th)) of 2.5 V to 4.0 V. Hence, the 33879 will declare
the load open in the OFF state when the output drain-to-
source voltage is less than VOUT(flt-th).
This device has an internal 80
µA current source
connected from drain to source of the output MOSFET. The
current source may be programmed on or off via SPI. The
Power-ON Reset state for the current source is “off” and must
be enabled via SPI. To achieve low Sleep mode quiescent
currents, the Open Load Detection Current source of each
driver is switched off when VDD or EN is removed.
During output switching, especially with capacitive loads,
a false output OFF open load fault may be triggered. To
prevent this false fault from being reported, an internal fault
filter of 100
µs to 300 µs is incorporated. A false fault
reporting is a function of the load impedance, RDS(ON), COUT
of the MOSFET, as well as the supply voltage, VPWR. The
rising edge of CS triggers the built-in fault delay timer. The
timer will time out before the fault comparator is enabled and
the fault is detected. Once the condition causing the open
load fault is removed, the device will resume normal
operation. The open load fault, however, will be latched in the
output DO register for the MCU to read.
SHORTED LOAD FAULT
A shorted load (overcurrent) fault can be caused by any
output being shorted directly to supply, or an output
experiencing a current greater than the current limit.
There are two safety circuits progressively in operation
during load short conditions that provide system protection:
1. The device’s output current is monitored in an analog
fashion using SENSEFET approach and current
limited.
2. The device’s output thermal limit is sensed and when
attained causes only the specific faulted output to shut
down. The output will remain off until cooled. The
device will then reassert the output automatically. The
cycle will continue until fault is removed or the
command bit instructs the output off. Shorted load
faults will be reported properly through SPI regardless
of Open Load Detection Current enable bits.
UNDERVOLTAGE SHUTDOWN
An undervoltage condition on VDD or VPWR will result in the
shutdown of all outputs. The VDD undervoltage threshold is
between 0.8 V and 3.0 V. VPWR undervoltage threshold is
between 3.0 V and 5.0 V. When the supplies fall below their
respective thresholds, all outputs are turned OFF. As both
supplies returns to normal levels, internal logic is reset and
the device resumes normal operation.
OUTPUT VOLTAGE CLAMP
Each output of the 33879 incorporates an internal voltage
clamp to provide fast turn-off and transient protection of each
output. Each clamp independently limits the drain-to-source
voltage to 45 V for low-side drive configurations and -20 V for
high-side drive configurations. The total energy clamped (E J)
can be calculated by multiplying the current area under the
current curve (IA) times the clamp voltage (VCL) (see
Figure 18).
Characterization of the output clamps, using a single pulse
non-repetitive method at 0.35 A, indicates the maximum
energy per output to be 50 mJ at 150°C junction temperature.
Figure 18. Output Voltage Clamping
SPI CONFIGURATIONS
The SPI configuration on the 33879 device is consistent
with other devices in the Octal Serial Switch (OSS) family.
This device may be used in serial SPI or parallel SPI with the
33298 and 33291. Different SPI configurations may be
provided. For more information, contact Freescale Analog
Products Division or local Freescale representative.
REVERSE BATTERY
The 33879 has been designed with reverse battery
protection on the VPWR pin.
All outputs consist of a power MOSFET with an integral
substrate diode. During the reverse battery condition, current
will flow through the load via the substrate diode. Under this
circumstance, relays may energize and lamps will turn on.
Where load reverse battery protection is desired, a reverse
battery blocking diode must be placed in series with the load.
Current
Area (IA)
Clamp Energy
(EJ = IA x VCL)
Clamp Energy
(EJ = IA x VCL)
Drain Voltage
Source Voltage
Time
Time
BAT
Drain-to-Source Clamp
Voltage (V CL = 45 V)
Drain Current
(ID = 0.3 A)
GND
GND
VS
Drain-to-Source ON
Voltage (VDS(ON))
Drain-to-Source ON
Voltage (VDS(ON))
Current
Area (IA)
Source Current
(I S = 0.3 A)
Source Clamp Voltage
(VCL = -15 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com