Electronic Components Datasheet Search
  English  ▼

X  

33993 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33993
Description  Multiple Switch Detection Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33993 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33993 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33993 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
33993
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
WETTING CURRENT TIMER REGISTER
Each switch input has a designated 20 ms timer. The timer
starts when the specific switch input crosses the comparator
threshold (4.0 V). When the 20 ms timer expires, the contact
current is reduced from 16 mA to 2.0 mA. The wetting current
timer may be disabled for a specific input. When the timer is
disabled, 16 mA of current will continue to flow through the
closed switch contact. With multiple wetting current timers
disabled, power dissipation for the IC must be considered.
The MCU may change or update the Wetting Current
Timer Register via software at any time in Normal mode. This
allows the MCU to control the amount of time wetting current
is applied to the switch contact. Programming the wetting
current timer bit to logic [0] will disable the wetting current
timer. Programming the wetting current timer bit to logic [1]
will enable the wetting current timer (refer to Table 8).
TRI-STATE REGISTER
The tri-state command is use to set the SPn or SGn input
node as high impedance (refer to Table 9). By setting the
Tri-State Register bit to logic [1], the input will be high
impedance regardless of the metallic command setting. The
comparator on each input remains active. This command
allows the use of each input as a comparator with a 4.0 V
threshold. The MCU may change or update the Tri-State
Register via software at any time in Normal mode.
ANALOG SELECT REGISTER
The analog voltage on switch inputs may be read by the
MCU using the analog command (refer to Table 10). Internal
to the IC is a 22-to-1 analog multiplexer. The voltage present
on the selected input pin is buffered and made available on
the AMUX output pin. The AMUX output pin is clamped to a
maximum of VDD volts regardless of the higher voltages
present on the input pin. After an input has been selected as
the analog, the corresponding bit in the next SO data stream
will be logic [0]. When selecting a channel to be read as
analog, the user must also set the desired current (16 mA,
2.0 mA, or high impedance). Setting bit 6 and bit 5 to 0,0
selects the input as high impedance. Setting bit 6 and bit 5 to
0,1 selects 2.0 mA, and 1,0 selects 16 mA. Setting bit 6 and
bit 5 to 1,1 in the Analog Select Register is not allowed and
will place the input as an analog input with high impedance.
Analog currents set by the analog command are pull-up
currents for all SGn and SPn inputs (refer to Table 10). The
analog command does not allow pull-down currents on the
SPn inputs. Setting the current to 16 mA or 2.0 mA may be
useful for reading sensor inputs. Further information is
provided in the Typical Applications section of this datasheet
beginning on page 20. The MCU may change or update the
Table 7. Metallic Command
Metallic Command
Command Bits
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
1
0
0
X
X
X
X
X
X
X
X
sp7
sp6
sp5
sp4
sp3
sp2
sp1
sp0
0
0
0
0
0
1
0
1
X
X
sg1
3
sg1
2
sg1
1
sg1
0
sg9
sg8
sg7
sg6
sg5
sg4
sg3
sg2
sg1
sg0
Table 8. Wetting Current Timer Enable Command
Wetting Current Timer Commands
Command Bits
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
1
1
1
X
X
X
X
X
X
X
X
sp7
sp6
sp5
sp4
sp3
sp2
sp1
sp0
0
0
0
0
1
0
0
0
X
X
sg1
3
sg1
2
sg1
1
sg1
0
sg9
sg8
sg7
sg6
sg5
sg4
sg3
sg2
sg1
sg0
Table 9. Tri-State Command
Tri-State Commands
Command Bits
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
1
0
0
1
X
X
X
X
X
X
X
X
sp7
sp6
sp5
sp4
sp3
sp2
sp1
sp0
0
0
0
0
1
0
1
0
X
X
sg1
3
sg1
2
sg1
1
sg1
0
sg9
sg8
sg7
sg6
sg5
sg4
sg3
sg2
sg1
sg0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com