Electronic Components Datasheet Search
  English  ▼

X  

AD1987 Datasheet(PDF) 16 Page - Analog Devices

Part # AD1987
Description  High Definition Audio SoundMAX Codec
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1987 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1987 Datasheet HTML 10Page - Analog Devices AD1987 Datasheet HTML 11Page - Analog Devices AD1987 Datasheet HTML 12Page - Analog Devices AD1987 Datasheet HTML 13Page - Analog Devices AD1987 Datasheet HTML 14Page - Analog Devices AD1987 Datasheet HTML 15Page - Analog Devices AD1987 Datasheet HTML 16Page - Analog Devices AD1987 Datasheet HTML 17Page - Analog Devices AD1987 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Rev. 0
|
Page 16 of 18
|
May 2007
AD1987
In Table 10, default configuration values are set on codec
power-up only. Default configuration values are not reset by
link or soft reset to preserve modifications by BIOS control.
Table 10. Default Configuration Bytes
31:30
29:28
27:24
23:20
19:16
15:12
8
7:4
3:0
Connectivity
Location
Def. Device Conn Type Color
Def Assn
Sequence
Name
Value
Chasis
Position
JD OR
Port A (Headphone) 0221401F
Jack
External Front
HP Out
1/8” Jack
Green
0
1
F
Port D (Line Out)
01014010 Jack
External Rear
Line Out
1/8” Jack
Green
0
1
0
Mono Out
991301F0
Fixed
Internal Special 3 Speaker
ATAPI
Unknown 1
F
0
Port B (Front Mic)
02A190F0 Jack
External Front
Mic In
1/8” Jack
Pink
0
F
0
Port C (Line In)
01813021 Jack
External Rear
Line In
1/8” Jack
Blue
0
2
1
Port F (Surr Back)
01011012 Jack
External Rear
Line Out
1/8” Jack
Black
0
1
2
Port E (Rear Mic)
01A19020 Jack
External Rear
Mic In
1/8” Jack
Pink
0
2
0
CD IN
9933012E Fixed
Internal Special 3 CD
ATAPI
Unknown 1
2
E
Analog PCBeep
99F301F0
Fixed
Internal Special 3 Other
ATAPI
Unknown 1
F
0
S/PDIF Out
014511F0
Jack
External Rear
SPDIF Out
Optical
Black
1
F
0
Port G (C/LFE)
01016011 Jack
External Rear
Line Out
1/8” Jack
Orange
0
1
1
Port H (Surr Side)
01012014 Jack
External Rear
Line Out
1/8” Jack
Grey
0
1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com