Electronic Components Datasheet Search
  English  ▼

X  

AD1987 Datasheet(PDF) 17 Page - Analog Devices

Part # AD1987
Description  High Definition Audio SoundMAX Codec
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1987 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1987 Datasheet HTML 10Page - Analog Devices AD1987 Datasheet HTML 11Page - Analog Devices AD1987 Datasheet HTML 12Page - Analog Devices AD1987 Datasheet HTML 13Page - Analog Devices AD1987 Datasheet HTML 14Page - Analog Devices AD1987 Datasheet HTML 15Page - Analog Devices AD1987 Datasheet HTML 16Page - Analog Devices AD1987 Datasheet HTML 17Page - Analog Devices AD1987 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
AD1987
Rev. 0
|
Page 17 of 18
|
May 2007
OUTLINE DIMENSIONS
Dimensions are shown in millimeters.
ORDERING GUIDE
Figure 3. 48-Lead, Lead Frame Chip Scale Package [LFCSP_VQ]
7 mm
× 7 mm Body, Very Thin Quad
(CP-48-1)
Model
Temperature Range
Package Description
Package Option
AD1987JCPZ1
1 Z = RoHS Compliant Part.
0°C to 70°C
48-Lead LFCSP_VQ
CP-48-1
AD1987JCPZ-RL
1
0°C to 70°C
48-Lead LFCSP_VQ
CP-48-1
PIN 1
INDICATOR
TOP
VIEW
6.75
BSC SQ
7.00
BSC SQ
1
48
12
13
37
36
24
25
5.25
5.10 SQ
4.95
0.50
0.40
0.30
0.30
0.23
0.18
0.50 BSC
12° MAX
0.20 REF
0.80 MAX
0.65 TYP
1.00
0.85
0.80
5.50
REF
0.05 MAX
0.02 NOM
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
COPLANARITY
0.08
SEATING
PLANE
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
COMPLIANT TO JEDEC STANDARDS MO-220-VKKD-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com