Electronic Components Datasheet Search
  English  ▼

X  

FBA7002K Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # FBA7002K
Description  Plastic-Encapsulate MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

FBA7002K Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  FBA7002K Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . FBA7002K Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . FBA7002K Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . FBA7002K Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MOSFET ELECTRICAL CHARACTERISTICS(Ta=25℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Type
Max
Unit
Static Characteristics
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
60
V
Zero gate voltage drain current
IDSS
VDS =60V,VGS = 0V
100
nA
Gate-body leakage current
IGSS
VGS =±20V, VDS = 0V
±10
µA
VGS =±5V, VDS = 0V
±1
Gate threshold voltage
VGS(th)
VDS =VGS, ID =250µA
1.3
1.4
2.3
V
Drain-source on-resistancea
RDS(on)
VGS =10V, ID =40mA
1.2
1.5
Ω
VGS =4.5V, ID =35mA
1.3
1.8
Forward tranconductancea
gfs
VDS = 5V, ID = 40mA
100
mS
Diode forward voltage
VSD
VGS =0V, IS =300mA
0.84
1.1
V
Dynamic characteristics
Input Capacitanceb
Ciss
VDS =40V,VGS =0V,f =1MHz
41
80
pF
Output Capacitanceb
Coss
3.6
7
Reverse Transfer Capacitanceb
Crss
2.9
5.6
Gate resistance
Rg
VDS = 0V, VGS = 0V, f = 1MHz
81
200
Ω
Total Gate Charge
Qg
VGS =4.5V
VDS = 50V,
ID = 0.41A
0.72
1.5
nC
VGS =10V
1.41
2.8
Gate-Source Charge
Qgs
0.24
0.4
Gate-Drain Charge
Qgd
0.24
0.5
Turn-on delay timeb
td(on)
VDS=30V,RL=50R,
VGS=10V,RG=6Ω
3.98
10
ns
Turn-on rise timeb
tr
4.95
10
Turn-off delay timeb
td(off)
18.52
40
Turn-off fall timeb
tf
11.94
25
Notes:
a. Pulse Test : Pulse width≤300µs, duty cycle ≤2%.
b. These parameters have no way to verify.
FB A7002K
N-Channel MOSFET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com