Electronic Components Datasheet Search
  English  ▼

X  

FBA7002K Datasheet(PDF) 3 Page - Goodwork Semiconductor Co., Ltd .

Part # FBA7002K
Description  Plastic-Encapsulate MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

FBA7002K Datasheet(HTML) 3 Page - Goodwork Semiconductor Co., Ltd .

  FBA7002K Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . FBA7002K Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . FBA7002K Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . FBA7002K Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
Ta=25℃
Plused
Output Characteristics
V
GS=10V
V
GS=7V
V
GS=4.5V
V
GS=3V
Drain to Source Voltage V
DS(V)
1
2
3
4
0.0
0.1
0.2
0.3
0.4
0.5
0.6
V
DS=3V
Plused
Transfer Characteristics
T
a=125℃
Gate to Source Voltage V
GS(V)
T
a=25℃
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.4
0.8
1.2
1.6
2.0
Ta=25℃
Plused
R
DS(ON)——ID
Drain Current I
D(A)
V
GS=10V
V
GS=4.5V
2
4
6
8
10
0
2
4
6
8
R
DS(ON)——VGS
T
a=25℃
ID=500mA
Plused
Gate to Source Voltage V
GS(V)
T
a=125℃
0.4
0.6
0.8
1.0
1.2
1E-3
0.01
0.1
1
I
S——VSD
Plused
T
a=125℃
Source to Drain Voltage V
SD(V)
T
a=25℃
25
50
75
100
125
1.0
1.1
1.2
1.3
1.4
1.5
Threshold Voltage
Juction Temperature T
J(℃)
I
D=250uA
FB A7002K
N-Channel MOSFET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com