Electronic Components Datasheet Search
  English  ▼

X  

B43510 Datasheet(PDF) 3 Page - EPCOS

Part # B43510
Description  Capacitors with 4 Snap-In Terminals and Solder Pins
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43510 Datasheet(HTML) 3 Page - EPCOS

  B43510 Datasheet HTML 1Page - EPCOS B43510 Datasheet HTML 2Page - EPCOS B43510 Datasheet HTML 3Page - EPCOS B43510 Datasheet HTML 4Page - EPCOS B43510 Datasheet HTML 5Page - EPCOS B43510 Datasheet HTML 6Page - EPCOS B43510 Datasheet HTML 7Page - EPCOS B43510 Datasheet HTML 8Page - EPCOS B43510 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
180 10/02
Miniaturized – 85 °C
B43510 / B43520
Dimensional drawings
B43510, 4 snap-in terminals
Pole markings: Plus:
+; Minus: –
All pin holes must be drilled into the PC-board, since the unconnected pins serve as mountings.
These pins must be soldered to isolated pads or pads with the same potential as the negative pole
(solder pin and 4 snap-in terminals).
KAL0401-H
Pluspol-
Kennzeichnung
Kennzeichnung
Minuspol
Montagelochung
22,5±0,1
2±0,1
+0,2
0,1
0,8 _
0,8
1,5±0,2
Plus pole marking
Mounting holes
Minus pole marking
Dimensions (mm) Approx.
weight (g)
Packing units
(pieces)
d +1
l
± 2 l
max
35
35
35
35
35
50
60
70
80
100
54
64
74
84
104
63
76
88
101
126
60
36
36
36
36
40
40
40
40
40
40
40
50
60
70
80
100
44
54
64
74
84
104
71
89
107
125
143
178
33
33
33
33
33
33
45
45
45
45
45
45
40
50
60
70
80
100
—
—
—
—
—
—
90
113
136
158
181
226
28
28
28
28
28
28
B43520, solder pins
1) Permissible range of
positions for pole
identification marks
KAL0400-9
0,8x1,1
3
17,5±0,1
20±0,1
ø1,3+0,1
4
3
2
1
4
3
1
2
1
2
3
ø1,3+0,1
7,5±0,1
17,5±0,1
15
1)
1)
15
d
0,1
_
d = 35 mm
= 40 mm
d
Montagelochung (Ansicht von der Lötseite)
1
Mounting holes (view onto solder side)
+
–
++
+
–
–
–
+0,2
0,1
0,8 _
0,8
1,5±0,2
KAL0401-H
Standard snap-in terminals: length (6,3
± 1) mm.
Also available with a length of (4,5 – 1) mm.
For ordering example cf. page 181



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com