Electronic Components Datasheet Search
  English  ▼

X  

B43510 Datasheet(PDF) 5 Page - EPCOS

Part # B43510
Description  Capacitors with 4 Snap-In Terminals and Solder Pins
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43510 Datasheet(HTML) 5 Page - EPCOS

  B43510 Datasheet HTML 1Page - EPCOS B43510 Datasheet HTML 2Page - EPCOS B43510 Datasheet HTML 3Page - EPCOS B43510 Datasheet HTML 4Page - EPCOS B43510 Datasheet HTML 5Page - EPCOS B43510 Datasheet HTML 6Page - EPCOS B43510 Datasheet HTML 7Page - EPCOS B43510 Datasheet HTML 8Page - EPCOS B43510 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
182 10/02
Miniaturized – 85 °C
B43510 / B43520
Overview of available types
The capacitance and voltage ratings listed above are available in different cases upon request.
Other voltage and capacitance ratings are also available upon request.
Capacitors with solder pins are only available in 35 and 40 mm case diameters.
UR (VDC)
385
400
420
450
500
CR (µF)
Case dimensions
d
× l (mm)
390
35
× 60
470
35
× 70
560
35
× 60
35
× 70
40
× 60
680
35
× 50
40
× 50
35
× 60
40
× 50
35
× 60
40
× 50
35
× 70
40
× 50
35
× 100
40
× 70
820
35
× 60
40
× 50
35
× 60
40
× 50
35
× 70
40
× 60
35
× 80
40
× 60
35
× 100
40
× 80
1 000
35
× 70
40
× 60
35
× 70
40
× 60
45
× 50
35
× 80
40
× 60
35
× 100
40
× 70
45
× 60
40
× 100
45
× 70
1 200
35
× 80
40
× 70
35
× 100
40
× 70
40
× 70
40
× 80
45
× 70
45
× 100
1 500
40
× 80
45
× 60
35
× 100
40
× 80
45
× 70
40
× 100
45
× 70
40
× 100
45
× 80
45
× 100
1 800
40
× 100
45
× 70
40
× 100
45
× 80
40
× 100
45
× 80
45
× 100
2 200
40
× 100
45
× 100
45
× 100
2 700
45
× 100
45
× 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com