Electronic Components Datasheet Search
  English  ▼

X  

1939714 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1939714
Description  GFKC 2,5/10-ST-7,62 - PCB connector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1939714 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1939714 Datasheet HTML 1Page - PHOENIX CONTACT 1939714 Datasheet HTML 2Page - PHOENIX CONTACT 1939714 Datasheet HTML 3Page - PHOENIX CONTACT 1939714 Datasheet HTML 4Page - PHOENIX CONTACT 1939714 Datasheet HTML 5Page - PHOENIX CONTACT 1939714 Datasheet HTML 6Page - PHOENIX CONTACT 1939714 Datasheet HTML 7Page - PHOENIX CONTACT 1939714 Datasheet HTML 8Page - PHOENIX CONTACT 1939714 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 630 V, contact surface: Tin, contact connection type: Socket, number of potentials:
10, number of rows: 1, number of positions: 10, number of connections: 10, product range:
GFKC 2,5/..-ST, pitch: 7.62 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: without, mounting: without, type of packaging: packed in cardboard
Your advantages
Time saving push-in connection, tools not required
•
Defined contact force ensures that contact remains stable over the long term
•
Intuitive operation due to color-coded actuating push button
•
Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
•
Commercial data
Item number
1939714
Packing unit
50 pc
Minimum order quantity
50 pc
Sales key
AA03
Product key
AACFDA
Catalog page
Page 340 (C-1-2013)
GTIN
4017918877750
Weight per piece (including packing)
20.4 g
Weight per piece (excluding packing)
19.377 g
Customs tariff number
85366990
Country of origin
DE
GFKC 2,5/10-ST-7,62 - PCB connector
1939714
https://www.phoenixcontact.com/us/products/1939714
Mar 8, 2024, 5:41 AM
Page 1 (16)


Similar Part No. - 1939714

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
193971 FESTO-193971 Datasheet
90Kb / 1P
Throttle valve
logo
HARTING Technology Grou...
19397100445 HARTING-19397100445 Datasheet
691Kb / 2P
Han 10HP Direct/M-HTE-M20 Hood
19397100446 HARTING-19397100446 Datasheet
691Kb / 2P
Han 10HP Direct/M-HTE-M25 Hood
19397100447 HARTING-19397100447 Datasheet
691Kb / 2P
Han 10HP Direct/M-HTE-M32 Hood
19397100545 HARTING-19397100545 Datasheet
688Kb / 2P
Han 10HP Direct/M-HSE-M20 Hood
More results

Similar Description - 1939714

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1939413 PHOENIX-1939413 Datasheet
595Kb / 14P
PCB connector - GFKC 2,5/ 2-ST-7,5
Jan 10, 2023
1939426 PHOENIX-1939426 Datasheet
595Kb / 14P
PCB connector - GFKC 2,5/ 3-ST-7,5
Jan 5, 2023
1939455 PHOENIX-1939455 Datasheet
595Kb / 14P
PCB connector - GFKC 2,5/ 6-ST-7,5
Jan 5, 2023
1939633 PHOENIX-1939633 Datasheet
577Kb / 14P
PCB connector - GFKC 2,5/ 2-ST-7,62
Jan 3, 2023
1939646 PHOENIX-1939646 Datasheet
577Kb / 14P
PCB connector - GFKC 2,5/ 3-ST-7,62
Jan 5, 2023
1939659 PHOENIX-1939659 Datasheet
577Kb / 14P
PCB connector - GFKC 2,5/ 4-ST-7,62
Jan 4, 2023
1939691 PHOENIX-1939691 Datasheet
577Kb / 14P
PCB connector - GFKC 2,5/ 8-ST-7,62
Jan 5, 2023
1939743 PHOENIX-1939743 Datasheet
549Kb / 12P
PCB connector - GFKC 2,5/ 2-STF-7,62
Jan 4, 2023
1939730 PHOENIX-1939730 Datasheet
567Kb / 14P
GFKC 2,5/12-ST-7,62 - PCB connector
1939442 PHOENIX-1939442 Datasheet
631Kb / 16P
GFKC 2,5/ 5-ST-7,5 - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com