Electronic Components Datasheet Search
  English  ▼

X  

1939714 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1939714
Description  GFKC 2,5/10-ST-7,62 - PCB connector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1939714 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1939714 Datasheet HTML 8Page - PHOENIX CONTACT 1939714 Datasheet HTML 9Page - PHOENIX CONTACT 1939714 Datasheet HTML 10Page - PHOENIX CONTACT 1939714 Datasheet HTML 11Page - PHOENIX CONTACT 1939714 Datasheet HTML 12Page - PHOENIX CONTACT 1939714 Datasheet HTML 13Page - PHOENIX CONTACT 1939714 Datasheet HTML 14Page - PHOENIX CONTACT 1939714 Datasheet HTML 15Page - PHOENIX CONTACT 1939714 Datasheet HTML 16Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Accessories
CP-MSTB - Coding profile
1734634
https://www.phoenixcontact.com/us/products/1734634
Coding profile, is inserted into the slot on the plug or inverted header, red
insulating material
MPS-MT - Test plug
0201744
https://www.phoenixcontact.com/us/products/0201744
Test plug, with solder connection up to 1 mm2 conductor cross section, number
of positions: 1, color: gray
GFKC 2,5/10-ST-7,62 - PCB connector
1939714
https://www.phoenixcontact.com/us/products/1939714
Mar 8, 2024, 5:41 AM
Page 13 (16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com